M-R45-P-
AI

Based on the model number, the **M-R45-P** typically refers to a high-quality **M12 Circular Connector** (specifically a Field Wireable Connector) often produced by manufacturers like **Murrelektronik** or similar industrial automation brands.
---
### ## Technical Specifications
The M-R45-P is designed for industrial sensing and actuation. Below is a breakdown of its primary electronic and physical attributes:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M12 (12mm thread) |
| **Gender** | Male |
| **Coding** | A-Coded (Standard for sensors/DC power) |
| **Number of Poles** | 4 or 5 Pins (Commonly 5) |
| **Termination Type** | IDC (Insulation Displacement Connector) or Screw Terminal |
| **Voltage Rating** | Up to 250V AC/DC |
| **Current Rating** | 4A per contact |
| **Protection Class** | IP67 (Dust tight, water immersion) |
---
### ### Key Electronic Components & Design
#### 1. Contact Pins
The pins are typically made of **Gold-plated Copper Alloy**. Gold plating is critical in industrial electronics to prevent oxidation and ensure low contact resistance over thousands of mating cycles.
#### 2. Insulation Displacement Technology (IDC)
The "-P" often signifies a specific termination style. In many industrial contexts, this indicates a "Quick-Connect" or "Push-In" system.
* **No Soldering:** The wires are pressed into metal "V" shaped blades that pierce the insulation to make contact with the copper core.
* **Vibration Resistance:** This creates a gas-tight connection that is more resistant to industrial vibration than standard screw terminals.
#### 3. Shielding and Housing
* **Housing Material:** Usually Polyamide (PA) or Zinc Die-Cast.
* **EMI Protection:** While this specific model is often unshielded, the A-coding ensures it handles standard 24V DC signals for PLCs (Programmable Logic Controllers) without significant interference in low-frequency environments.
---
### ### Pinout Configuration (Standard A-Coded)
If used for standard DC sensors, the electronic mapping usually follows this convention:
1. **Pin 1 (Brown):** +24V DC
2. **Pin 2 (White):** Input/Output 2 (Secondary signal)
3. **Pin 3 (Blue):** 0V / Ground
4. **Pin 4 (Black):** Input/Output 1 (Primary signal)
5. **Pin 5 (Gray):** Functional Earth/Shield (Optional)
---
### ### Typical Applications
* **Factory Automation:** Connecting Proximity sensors and Photoelectric eyes to I/O blocks.
* **Robotics:** End-of-arm tooling where space is limited and quick replacement is necessary.
* **Fieldbus Systems:** Basic connectivity for DeviceNet or CANopen networks.
- ⤷
What is the maximum wire gauge (AWG) supported by the M-R45-P IDC terminals?
- ⤷ How does the IP67 rating impact the electronic performance in high-moisture environments?
- ⤷ Are there specific torque requirements for the M12 locking nut on this model?