M-1113-R
AI

The **M-1113-R** is a specific electronic component, most commonly associated with **high-frequency RF (Radio Frequency) power splitters/combiners** manufactured by companies like Mini-Circuits. It is designed to operate within the VHF/UHF frequency ranges.
---
### 1. General Specifications
The M-1113-R is a passive device. Below is a summary of its typical electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | 2-Way 0° Power Splitter/Combiner |
| **Frequency Range** | 10 MHz to 500 MHz (Typical) |
| **Impedance** | 50 Ohms |
| **Configuration** | 8-Pin Header (Plug-in) |
| **Insertion Loss** | 0.3 to 0.6 dB (above theoretical 3dB) |
| **Isolation** | 25 dB to 35 dB (Typical) |
---
### 2. Key Electronic Functions
#### A. Power Splitting
The primary function is to take an input signal (at the "Sum" port) and divide it into two output signals. In the M-1113-R, these signals are **in-phase** (0-degree phase shift between outputs).
#### B. Power Combining
Because it is a passive linear device, it can work in reverse. You can feed two signals into the output ports, and they will be summed at the input port.
#### C. High Isolation
The internal circuitry (typically a transformer and a resistor network) ensures that the two output ports are isolated from each other. This prevents a signal mismatch or reflection on one port from significantly affecting the other.
---
### 3. Pin Configuration (Internal Layout)
While you should always consult the specific manufacturer datasheet, the standard 8-pin plug-in layout for this series is as follows:
| Pin Number | Function |
| :--- | :--- |
| **1** | Sum Port (Input) |
| **2, 5** | Output 1 & Output 2 |
| **3, 4, 7, 8** | Ground (Case Ground) |
| **6** | Not Used (Internal connection) |
---
### 4. Common Applications
* **Signal Distribution:** Splitting a single antenna feed to two separate receivers.
* **Laboratory Testing:** Dividing a signal generator output to monitor the signal while simultaneously feeding a device under test (DUT).
* **Communication Systems:** Used in base stations or VHF/UHF radio sets for signal routing.
- ⤷
What are the power handling limits (Watts) for the M-1113-R?
- ⤷ How does the 'R' suffix affect the component's environmental rating?
- ⤷ What are the alternatives to the M-1113-R for frequencies above 1 GHz?