LXK2-PR14-R00
AI

The **LXK2-PR14-R00** is a specific part number belonging to the **LUXEON K2** series of high-power LEDs, formerly manufactured by Philips Lumileds. This series was known for its robustness and high thermal endurance.
---
### 1. Technical Specifications
The part number indicates a specific color, performance grade, and configuration. Below are the primary technical parameters for the LXK2-PR14-R00:
| Parameter | Value / Description |
| :--- | :--- |
| **Manufacturer** | Philips Lumileds (now Lumileds) |
| **Color** | Royal Blue |
| **Peak Wavelength** | 450 nm – 460 nm |
| **Radiometric Power** | Minimum 425 mW @ 700mA |
| **Forward Voltage ($V_f$)** | 3.42V (Typical) to 3.85V (Max) |
| **Test Current** | 1000 mA (Standard) |
| **Max Drive Current** | Up to 1500 mA (with proper heatsinking) |
| **Viewing Angle** | 140° (Lambertian radiation pattern) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific naming convention used by Lumileds:
* **LXK2**: Identifies the **LUXEON K2** product family.
* **PR14**:
* **PR**: Represents the color (Royal Blue).
* **14**: Represents the flux/radiometric power binning level.
* **R00**: Refers to the mechanical configuration and packaging (usually an emitter on a circular base or specific reel format).
---
### 3. Key Electronic Features
* **Thermal Management:** The K2 series was designed with a very low thermal resistance (approx. $9^{\circ}C/W$). This allows the LED to operate at higher currents without overheating, provided it is mounted on a metal-core PCB (MCPCB).
* **High Current Operation:** Unlike standard 5mm LEDs, this part is designed to be driven at **1 Ampere** or higher.
* **ESD Protection:** Built-in protection against electrostatic discharge, making it more durable during the assembly process.
* **Material:** Built on InGaN (Indium Gallium Nitride) technology, which is the standard for high-efficiency blue and white LEDs.
---
### 4. Common Applications
Due to its high output and specific "Royal Blue" wavelength, this component is commonly used in:
1. **Horticultural Lighting:** The 450nm wavelength is critical for chlorophyll absorption in plants.
2. **Remote Phosphor:** Used as a "pump" source to excite phosphors to create white light.
3. **Architectural Lighting:** Used in color-changing wall washers and stage lights.
4. **Aquarium Lighting:** Specifically for reef tanks to promote coral growth and fluorescence.
---
- ⤷What is the maximum junction temperature for the LXK2-PR14-R00?
- ⤷ How does the LXK2 series compare to the newer LUXEON Rebel series?
- ⤷ What type of constant current driver is recommended for this LED?