công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LV321L-AF5-R

  • AI
    ## Overview of LV321L-AF5-R The **LV321L-AF5-R** is a low-voltage, rail-to-rail output operational amplifier (Op-Amp) manufactured by **Unisonic Technologies (UTC)**. It is designed to be a cost-effective, space-saving alternative to the industry-standard LMV321. --- ### 1. Key Technical Specifications | Parameter | Description | Value | | :--- | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | Operating range | 2.7V to 5.5V | | **Quiescent Current** | Current consumption per channel | 130µA (Typ) | | **Gain Bandwidth (GBW)** | Speed of the amplifier | 1 MHz | | **Output Type** | Voltage swing capability | Rail-to-Rail | | **Package Type** | Physical footprint | SOT-25 / SOT-23-5 | | **Slew Rate** | Speed of output response | 1 V/µs | --- ### 2. Physical Characteristics & Pinout The "AF5" in the part number indicates the **SOT-25** package (also commonly referred to as SOT-23-5). This is a surface-mount device (SMD) with 5 pins. #### Pin Configuration 1. **IN+**: Non-inverting input. 2. **V-**: Negative power supply (usually Ground). 3. **IN-**: Inverting input. 4. **OUT**: Amplifier output. 5. **V+**: Positive power supply. --- ### 3. Functional Features * **Rail-to-Rail Output:** Unlike standard Op-Amps (like the LM358), the output can swing very close to the supply rails, maximizing the dynamic range in low-voltage systems. * **Low Power Consumption:** With a typical current of 130µA, it is ideal for battery-operated handheld devices. * **Stability:** It is unity-gain stable, meaning it can be used as a buffer/voltage follower without oscillating. * **Space Efficient:** The tiny SOT-25 footprint allows for dense PCB layouts. --- ### 4. Common Applications The LV321L-AF5-R is typically used in general-purpose signal conditioning: * **Portable Equipment:** Smartphones, tablets, and medical monitors. * **Active Filters:** Low-pass or high-pass filters in audio or sensor circuits. * **Sensor Interface:** Amplifying low-voltage signals from transducers. * **ADC Buffers:** Driving the input of an Analog-to-Digital Converter. --- ### 5. Ordering Information Code Breakdown * **LV321**: Part Number (Low Voltage Op-Amp). * **L**: Lead-free / Halogen-free designation. * **AF5**: Package code (SOT-25). * **R**: Tape and Reel (Packaging method). ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between LV321 and LMV321?
    • ⤷ Can this Op-Amp be used with a dual power supply (+/- 2.5V)?
    • ⤷ What is the input offset voltage for the LV321L-AF5-R?