AI

The **LUW F8BN-P2P3-R** is a high-performance, white Light Emitting Diode (LED) manufactured by **ams OSRAM**, specifically belonging to the **OSLON Black Flat** series. This component is engineered primarily for automotive lighting applications, such as high-beam and low-beam headlights.
---
### 1. Key Technical Specifications
The part number indicates specific bins for luminous flux and forward voltage. Below is a breakdown of the core parameters:
| Parameter | Value / Range |
| :--- | :--- |
| **Manufacturer** | ams OSRAM |
| **Series** | OSLON Black Flat |
| **Color** | Ultra White (InGaN Technology) |
| **Luminous Flux (P2-P3)** | Approximately 210 lm to 280 lm (@ 1A) |
| **Forward Current (Nominal)** | 1000 mA (1A) |
| **Forward Voltage ($V_f$)** | 2.75 V to 3.50 V |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 3.75 mm x 3.75 mm x 0.5 mm |
---
### 2. Physical and Design Features
The "Black Flat" series is named for its unique construction, which offers several mechanical advantages:
* **SMT Package:** Surface Mount Technology with a ceramic substrate and a high-stability silicone resin lens.
* **Black Package Body:** The black surface helps improve contrast and reduces stray light, which is critical for precision beam shaping in headlights.
* **Thermal Management:** Features a very low thermal resistance (typ. 4 K/W), allowing it to dissipate heat efficiently even at high current densities.
* **Leadless Design:** Utilizes a bottom-pad design for improved electrical contact and heat transfer to the PCB.
---
### 3. Part Number Decoding
The suffix **"P2P3-R"** refers to the specific binning for this production run:
1. **LUW:** LED, Ultra White.
2. **F8BN:** The specific internal chip design and generation (OSLON Black Flat).
3. **P2P3:** The Luminous Flux bin (defines the brightness range).
4. **R:** Typically refers to the wavelength/chromaticity coordinate grouping (Color temperature).
---
### 4. Implementation Example (Basic Circuit)
When driving this LED, a constant current source is required to prevent thermal runaway.
```python
# Pseudo-code logic for a PWM LED Driver (Automotive MCU)
def adjust_headlight_brightness(duty_cycle):
# Standard OSLON Black Flat needs constant 1000mA
# PWM frequency should be > 200Hz to avoid flicker
set_pwm_signal(pin_A1, duty_cycle)
if read_temp_sensor() > 110: # Degrees Celsius
reduce_current() # Thermal protection
```
---
### 5. Common Applications
* **Automotive Exterior:** Main headlights (High/Low beam), Fog lights, and Daytime Running Lights (DRL).
* **Industrial Lighting:** High-intensity flashlights or searchlights.
* **Vision Systems:** High-speed camera illumination where high contrast and brightness are necessary.
- ⤷
What is the exact thermal resistance of the LUW F8BN compared to the OSLON Black series?
- ⤷ What are the specific chromaticity coordinates for the 'R' color bin?
- ⤷ Which LED driver ICs are recommended for high-current automotive LEDs like this?