công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LTPE-72-R

  • AI
    The **LTPE-72-R** is a specific electronic component primarily identified as a high-performance **7-segment LED display** (common anode, ultra-bright red). These displays are widely used in instrumentation, digital clocks, and household appliances. --- ### 1. Technical Specifications Below are the primary electronic characteristics typical for the LTPE-72-R series: | Feature | Specification | | :--- | :--- | | **Display Type** | 7-Segment Single Digit | | **Polarity** | Common Anode (CA) | | **Color** | Red (High Efficiency) | | **Forward Voltage ($V_f$)** | ~2.0V to 2.5V | | **Forward Current ($I_f$)** | 20mA (Per Segment) | | **Peak Wavelength** | ~635nm - 660nm | | **Pin Count** | 10 Pins | --- ### 2. Internal Electronic Structure The LTPE-72-R operates as a set of Light Emitting Diodes (LEDs) sharing a single electrical connection. * **Common Anode Configuration:** All the positive terminals (anodes) of the segment LEDs are tied together to a single pin (usually connected to VCC). * **Individual Cathodes:** Each segment (A through G and the Decimal Point) has its own cathode pin. To light a segment, the corresponding pin must be pulled **LOW** (GND) through a current-limiting resistor. * **Segments:** It consists of 8 LEDs in total (7 for the digit + 1 for the decimal point). --- ### 3. Pinout and Circuit Integration To integrate this part into a circuit, you must use **Current Limiting Resistors** to prevent burning out the LEDs. #### Typical Connection: 1. **VCC (Logic High):** Connect to the Common Anode pin. 2. **Microcontroller Pins:** Connect to cathodes A-G via 220Ω - 470Ω resistors. 3. **Logic:** Writing a `0` (LOW) to a pin turns the segment **ON**. --- ### 4. Key Applications * **Digital Readouts:** Used in multimeters and industrial weighing scales. * **Timing Circuits:** Found in microwave ovens and digital stopwatches. * **Status Indicators:** Displaying error codes or channel numbers in electronic systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Common Anode and Common Cathode displays?
    • ⤷ How do I calculate the exact resistor value for the LTPE-72-R?
    • ⤷ Can this display be driven directly by an Arduino or ESP32?