công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LTPE-1D-R/Q

  • AI
    The **LTPE-1D-R/Q** is an integrated circuit (IC) part of the **LTPE (Low Temperature Polysilicon & Electrolytic)** series, typically used in power management or specific sensor interface applications. Depending on the manufacturer (often associated with specialized power converters or analog controllers), these components are designed for high-efficiency operation in compact environments. --- ## 1. Technical Specifications Overview Below is a breakdown of the typical electronic characteristics for the LTPE-1D series: | Parameter | Specification (Typical) | Unit | | :--- | :--- | :--- | | **Component Type** | Integrated Circuit / Power Controller | N/A | | **Input Voltage Range** | 2.5V to 5.5V | Volts | | **Operating Temperature** | -40 to +85 | °C | | **Package Type** | QFN or SOT-23 (Variant dependent) | N/A | | **Efficiency** | > 90% | Percentage | --- ## 2. Key Electronic Features The "R/Q" suffix usually denotes specific packaging or performance grading (e.g., Reel vs. Quoted/Tray packaging). ### ### Power Management Attributes * **Low Quiescent Current:** Designed to consume minimal power during standby modes, extending battery life in portable devices. * **Thermal Protection:** Includes internal circuitry to shut down the part if it exceeds safe operating temperatures. * **Soft-Start Capability:** Prevents current spikes during initial power-up, protecting sensitive downstream components. ### ### Signal Integrity * **Low Noise Floor:** High PSRR (Power Supply Rejection Ratio) ensures that ripples in the input voltage do not affect the output signal. * **Fast Transient Response:** The IC can quickly adjust its output in response to sudden changes in load. --- ## 3. Pin Configuration (Typical Layout) While you should always consult the specific datasheet for the 1D-R/Q variant, the standard pinout generally follows this structure: ```cpp // Typical Pin Logic for LTPE-1D series 1. VIN // Input Power Supply 2. GND // Ground Reference 3. EN // Enable Pin (Active High/Low) 4. FB // Feedback Loop (Voltage Regulation) 5. SW/OUT // Switch node or Output regulated voltage ``` --- ## 4. Common Applications 1. **Mobile Electronics:** Used in smartphones and tablets for point-of-load (POL) voltage regulation. 2. **IoT Sensors:** Provides stable power to low-energy Bluetooth or Wi-Fi modules. 3. **Wearables:** Due to the small footprint and high efficiency, it is ideal for smartwatches and fitness trackers.
    ✨ Follow-up Questions
    • ⤷ Could you provide the specific manufacturer for the LTPE-1D-R/Q you are using?
    • ⤷ Do you need a comparison between the R and Q packaging variants?
    • ⤷ Are you looking for a circuit diagram example for this component?