LTPE-11-R
AI

The **LTPE-11-R** is a specific electronic component belonging to the **Tactile Switch** family. It is a surface-mount (SMD) momentary push-button switch designed for compact electronic devices where space is at a premium.
---
### ## Technical Specifications
Below are the primary electronic and mechanical characteristics typically associated with the LTPE-11-R series:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Actuator Type** | Standard Round Button |
| **Operating Force** | ~160 gf to 250 gf (model dependent) |
| **Contact Rating** | 50mA @ 12V DC |
| **Contact Resistance** | 100 mΩ Max |
| **Insulation Resistance** | 100 MΩ Min @ 100V DC |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Travel** | 0.25mm ± 0.1mm |
---
### ### Key Internal Components
The LTPE-11-R consists of several critical layers that define its electronic behavior:
1. **Contact Dome (The Heart):** A stainless steel or copper alloy disc. When pressed, it collapses to complete the circuit between the terminals. This provides the "click" feeling (tactile feedback).
2. **Base (Housing):** Usually made of high-temperature thermoplastic (like LCP) to withstand reflow soldering temperatures.
3. **Terminals:** Silver-plated brass or copper. These are the leads that are soldered onto the PCB.
4. **Cover/Frame:** A metal shield that holds the actuator and dome in place, often providing structural integrity.
---
### ### Typical Applications
Due to its small footprint and reliable tactile response, this part is commonly found in:
* **Consumer Electronics:** Wearables, remote controls, and digital cameras.
* **Telecommunications:** Mobile phones and handheld radios.
* **Industrial:** Interface panels and reset buttons on embedded modules.
---
### ### Wiring Diagram Logic
In its simplest form, the LTPE-11-R acts as a **Single Pole Single Throw (SPST)** Normally Open switch.
```text
Terminal 1 (A) ----/ ---- Terminal 2 (B)
(Open when idle)
```
- ⤷
What are the physical dimensions and footprint for the LTPE-11-R?
- ⤷ How does the LTPE-11-R compare to the LTPE-21 series?
- ⤷ What is the rated life cycle (number of presses) for this switch?