LTM8032MPVPBF
AI

## Overview of LTM8032MPVPBF
The **LTM8032MPVPBF** is a complete, electromagnetic compatible (EMC) step-down (buck) DC/DC μModule regulator. It is designed by Analog Devices (Linear Technology) to simplify power supply design while meeting rigorous noise standards.
### Key Specifications
| Parameter | Specification |
|:---|:---|
| **Input Voltage Range** | 3.6V to 36V |
| **Output Voltage Range** | 0.8V to 10V |
| **Output Current** | 2A Continuous |
| **Switching Frequency** | Adjustable (200kHz to 2.4MHz) |
| **Operating Temperature** | -55°C to 125°C (Military Grade) |
| **Package Type** | LGA (Land Grid Array) |
---
### Core Electronic Components
The LTM8032 is a "system-in-a-package," meaning it integrates several discrete components into a single module to minimize PCB footprint and EMI.
#### 1. Switching Controller & Power MOSFETs
At the heart of the module is a high-performance switching regulator. It uses synchronous rectification to maintain high efficiency even at lower output voltages. The internal MOSFETs are optimized for fast switching with minimal heat dissipation.
#### 2. Power Inductor
One of the most significant features is the **integrated shielded inductor**. In traditional buck converters, the inductor is an external component that can radiate electromagnetic interference (EMI). The LTM8032's internal inductor is specifically selected and shielded to comply with **EN55022 Class B** radiated emission standards.
#### 3. Compensation & Input/Output Capacitors
While some external capacitance is required for bulk energy storage, the module contains internal bypass capacitors to stabilize the feedback loop and reduce high-frequency ripple.
---
### Pin Functions & Integration
The device uses a BGA/LGA pinout. Below are the primary functional pins:
| Pin Category | Description |
|:---|:---|
| **$V_{IN}$** | Input supply voltage (3.6V to 36V). |
| **$V_{OUT}$** | Regulated output voltage. |
| **ADJ** | Used to set the output voltage via an external resistor. |
| **RT** | Used to set the internal switching frequency. |
| **SHARE** | Allows multiple LTM8032s to be paralleled for higher current. |
| **RUN/SS** | Enables the device and provides soft-start functionality. |
---
### Why use the "MPV" Variant?
The suffix **MPV** indicates specific characteristics:
* **MP:** Military Plastic grade, meaning the device is tested and guaranteed to operate in extreme temperatures (-55°C to 125°C).
* **V:** Refers to the LGA package type.
* **PBF:** Lead-free (RoHS compliant).
---
### Typical Application Circuit Example
To utilize the LTM8032, a designer typically only needs to add two resistors (for voltage and frequency setting) and input/output capacitors.
```c
// Conceptual Component Layout
[Input Cap] --- [V_IN] [LTM8032] [V_OUT] --- [Output Cap]
| | |
[RT Res] [ADJ Res] [GND]
```
- ⤷What are the specific external resistor values needed for a 5V output?
- ⤷How does the LTM8032 compare to the LTM8033 in terms of current output?
- ⤷What are the layout best practices to maintain the EN55022 Class B EMI rating?