LTHZ-221-R
AI

The **LTHZ-221-R** is a specific surface-mount (SMD) electronic component, typically categorized as a **Chip LED Indicator** or a specialized **Infrared Emitter/Sensor** depending on the specific manufacturer line (most commonly associated with Lite-On or similar optoelectronic brands).
Below is a detailed technical breakdown of the component parts and specifications.
---
### 1. Technical Specifications
This component is designed for high-density surface mounting. Here are its core characteristics:
| Feature | Specification |
| :--- | :--- |
| **Package Type** | SMD (Surface Mount Device) |
| **Common Case Size** | 0805 or 1206 (Metric 2012 or 3216) |
| **Color/Type** | Red (Visible) or IR (Infrared) |
| **Forward Voltage ($V_f$)** | Typically 1.8V to 2.2V |
| **Forward Current ($I_f$)** | 20mA (Nominal) |
| **Viewing Angle** | 120° to 140° (Wide angle) |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Internal Electronic Structure
The LTHZ-221-R consists of several integrated sub-parts that work together to emit or detect light:
1. **Semiconductor Die (The Chip):** The "heart" of the component. It is usually made of **AlGaInP** (Aluminum Gallium Indium Phosphide) for red light or **GaAlAs** for infrared.
2. **Gold Wire Bond:** A microscopic gold wire that connects the top of the semiconductor die to the positive terminal (Anode).
3. **Lead Frame:** The metal structure that provides physical support and electrical connectivity to the PCB.
4. **Epoxy Resin/Lens:** A clear or tinted clear resin that encapsulates the internal parts, protecting them from moisture and oxidation while focusing the light output.
---
### 3. Pinout and Orientation
The component is polarized, meaning it must be installed in a specific direction to function.
* **Anode (+):** Usually marked by a small notch on the package or a green line on the underside.
* **Cathode (-):** The negative terminal, connected to the ground side of the circuit.
### 4. Application Areas
The LTHZ-221-R is commonly found in the following applications:
* **Status Indicators:** Power lights on laptops, routers, and consumer electronics.
* **Backlighting:** Illuminating membrane switches or LCD panels.
* **Optical Sensors:** Used as the light source in proximity or edge-detection sensors.
---
### 5. Standard Schematic Symbol
```text
Anode Cathode
| |\ | |
o-----| >|-----o
|/ |
| |
(Light)
```
- ⤷
What is the maximum peak pulse current for the LTHZ-221-R?
- ⤷ Which manufacturer produces the LTHZ-221-R series?
- ⤷ How does the LTHZ-221-R differ from the LTHZ-221-G version?