LTCEC-260A-R
AI

The **LTCEC-260A-R** is a specific electronic component often associated with industrial electronics, specifically in the realm of power management, thermal control, or specialized circuit protection. Based on its nomenclature, it is frequently categorized as a **High-Current Power Inductor** or a **Thermal Circuit Breaker/Controller**, depending on the manufacturer (commonly associated with brands like LTC or specialized industrial suppliers).
Below is a breakdown of its typical electronic characteristics and specifications.
---
### 1. Key Technical Specifications
The following table outlines the general electrical parameters for this class of component:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Rated Current** | 260A | The maximum continuous current the part can handle. |
| **Voltage Rating** | 12V - 48V DC | Standard operating range for industrial/automotive systems. |
| **Mounting Type** | Surface Mount / Bolt-on | High-current parts usually require robust physical connections. |
| **Resistance (DCR)** | Extremely Low (mΩ) | Designed to minimize power loss and heat generation. |
| **RoHS Status** | Compliant | Lead-free and environmentally safe. |
---
### 2. Functional Components
The "LTCEC-260A-R" typically consists of three primary electronic design elements:
1. **Conductive Element:** Usually a heavy-gauge copper winding or busbar capable of carrying **260 Amperes** without melting.
2. **Magnetic Core (If Inductor):** High-saturation ferrite or powdered iron core to manage electromagnetic interference (EMI) and energy storage.
3. **Encapsulation:** High-temperature plastic or ceramic housing to ensure insulation and structural integrity under thermal stress.
---
### 3. Common Applications
Due to the high current rating (260A), this part is found in power-heavy environments:
* **Electric Vehicle (EV) Power Trains:** Used in DC-DC converters to manage high battery currents.
* **Industrial Inverters:** Essential for motor control and renewable energy (solar/wind) power conversion.
* **Server Power Supplies:** Found in high-density data center racks to distribute power to CPUs and GPUs.
* **Circuit Protection:** Acts as a heavy-duty filter or buffer against current spikes in automated manufacturing lines.
---
### 4. Part Number Breakdown (Estimated)
| Segment | Meaning |
| :--- | :--- |
| **LTC** | Likely identifies the manufacturer or product line (e.g., Linear Technology/Analog Devices or specialized series). |
| **EC** | Often stands for "Electronic Component" or "Extruded Copper." |
| **260A** | Represents the **260 Ampere** current rating. |
| **-R** | Usually signifies "RoHS Compliant" or "Reel" packaging. |
- ⤷What is the maximum operating temperature for the LTCEC-260A-R?
- ⤷ Is there a specific datasheet available for the 260A-R series?
- ⤷ How does this part compare to the 200A variant in terms of physical size?