công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LTCEC-25003-R

  • AI
    ## Overview of the LTCEC-25003-R The **LTCEC-25003-R** is a specialized high-performance connector, typically categorized under **Edge Card Connectors** or **High-Speed Mezzanine** systems. These parts are designed to facilitate reliable electrical connections between a printed circuit board (PCB) and another module or daughtercard. --- ### Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Component Type** | Card Edge / Interface Connector | | **Pitch** | Typically 0.8mm or 1.0mm (standard for LTCEC series) | | **Mounting Type** | Surface Mount (SMT) or Through-Hole (TH) | | **Contact Material** | Copper Alloy with Gold Plating | | **Housing Material** | High-Temperature Thermoplastic (LCP) | | **Current Rating** | ~1.0A to 2.0A per contact (application dependent) | --- ### Key Electronic Components & Construction The LTCEC-25003-R consists of several critical sub-elements that define its electronic performance: 1. **Contacts (Pins):** * Constructed from high-conductivity alloys to minimize signal loss. * **Gold Plating:** The "-R" suffix often indicates **RoHS compliance** and specific plating thickness (e.g., 30µ" Gold) to prevent oxidation and ensure low contact resistance over multiple mating cycles. 2. **Signal Integrity Shielding:** * Designed for high-speed differential pairs. The internal geometry is optimized to maintain characteristic impedance (usually 85Ω or 100Ω) to reduce EMI and crosstalk. 3. **Insulator Body:** * Made of Liquid Crystal Polymer (LCP), which allows the part to withstand high-temperature reflow soldering processes without warping. 4. **Mechanical Alignment Features:** * Includes polarizing keys or alignment pegs to ensure the electronic pins align perfectly with the pads on the mating PCB. --- ### Typical Applications These connectors are commonly found in high-bandwidth environments where space is at a premium: * **Data Centers:** Server blade interfaces. * **Networking:** High-speed routers and switches. * **Storage:** SSD interface cards and controllers. * **Industrial:** Modular PLC communication boards. --- ### Implementation Example (PCB Footprint) When designing a PCB for this part, the landing pattern must be precise to ensure signal integrity. ```text // Example PCB Layout Considerations 1. Keep-out zones: Ensure no vias are placed directly under the signal pins. 2. Trace Width: Match trace width to the connector pitch to maintain impedance. 3. Solder Paste: Use a stencil thickness of 0.12mm to 0.15mm for optimal joint strength. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer rate supported by the LTCEC-25003-R?
    • ⤷ Are there specific mating cards recommended for this connector?
    • ⤷ What are the environmental storage requirements for the RoHS compliant version?