công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LTCEC-25002-R/Q

  • AI
    The **LTCEC-25002-R/Q** is a high-performance thermoelectric cooler (TEC) controller module. These devices are used in precision temperature control applications where maintaining a stable thermal environment is critical for electronic or optical components. ### 1. Key Technical Specifications Below are the primary electrical characteristics typically associated with this series of TEC controllers: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 5V - 12V DC | Standard operating supply range. | | **Output Current** | Up to 2.5A | Maximum current provided to the TEC. | | **Control Method** | PWM / Analog | Uses Pulse Width Modulation for high efficiency. | | **Stability** | ±0.01°C | High precision temperature maintenance. | | **Interface** | UART/I2C/Analog | Communication for setpoints and monitoring. | --- ### 2. Functional Components The internal architecture of the LTCEC-25002-R/Q consists of several specialized electronic blocks: #### A. H-Bridge Output Stage To provide both cooling and heating, the device uses an **H-Bridge** circuit. This allows the controller to reverse the direction of the current flowing through the Peltier element without changing the input polarity. #### B. Feedback Loop (PID Control) The module utilizes a **Proportional-Integral-Derivative (PID)** algorithm. It reads data from an external temperature sensor (usually a Thermistor or RTD) and adjusts the power output in real-time to minimize the error between the "Set" temperature and the "Actual" temperature. #### C. Protection Circuitry To ensure the longevity of both the controller and the TEC, several safety features are integrated: * **Current Limiting:** Prevents the TEC from overheating or burning out. * **Voltage Monitoring:** Protects against brownouts or overvoltage spikes. * **Thermal Shutdown:** The module disables itself if its internal temperature exceeds safe limits. --- ### 3. Application Use Cases Due to its precision and compact form factor, this part is commonly used in: * **Laser Diode Cooling:** Preventing frequency drift in telecommunications lasers. * **CCD/CMOS Sensors:** Reducing thermal noise in high-end imaging equipment. * **Laboratory Instruments:** Maintaining stable environments for chemical or biological samples. --- ### 4. Implementation Example If you are integrating this into a microcontroller system (like an Arduino or STM32), the wiring logic generally follows this structure: ```cpp // Pseudocode for setting a temperature target via Analog Voltage int targetTempPin = A0; // Connect to the Controller Setpoint pin float targetVoltage = 2.5; // Represents 25.0 degrees Celsius void setup() { pinMode(targetTempPin, OUTPUT); // Set the DAC or PWM to output the reference voltage analogWrite(targetTempPin, 128); } ```
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the R and Q versions of this module?
    • ⤷ How do I calculate the PID coefficients for a specific thermal load?
    • ⤷ What type of thermistor is recommended for the best accuracy with this controller?