công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LTCEC-2400F-R

  • AI
    The **LTCEC-2400F-R** is a high-performance **Chip Antenna** (often referred to as a Dielectric Patch or Multilayer Ceramic Antenna) primarily used for wireless communication in the 2.4 GHz ISM band. It is manufactured by companies like **Leadtrend** or **LTC (Long Term Communication)**. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications This part is designed for compact wireless devices where space is at a premium and an external whip antenna is not feasible. | Parameter | Specification (Typical) | | :--- | :--- | | **Part Number** | LTCEC-2400F-R | | **Frequency Range** | 2400 MHz – 2500 MHz | | **Bandwidth** | 100 MHz (Typical) | | **Peak Gain** | 1.0 ~ 2.5 dBi | | **Impedance** | 50 $\Omega$ | | **VSWR** | < 2.0 | | **Polarization** | Linear | | **Operating Temp** | -40°C to +85°C | --- ### 2. Key Internal Components & Materials As a multilayer ceramic component, its functionality is derived from its physical construction rather than active silicon. * **Low-Temperature Co-fired Ceramics (LTCC):** The body is made of specialized ceramic layers with high dielectric constants. This allows the electromagnetic wave to "slow down," effectively shrinking the physical size of the antenna while maintaining resonance at 2.4 GHz. * **Silver (Ag) Conductors:** Internal metal traces are usually printed using silver paste to ensure high conductivity and low signal loss (low ESR). * **SMD Terminations:** The "R" in the suffix often denotes "Reel" packaging, indicating it is designed for automated **Surface Mount Device (SMD)** assembly. --- ### 3. Application Use-Cases The LTCEC-2400F-R is a staple in small-scale consumer electronics. * **Bluetooth Devices:** TWS earbuds, wireless mice, and keyboards. * **Wi-Fi Modules:** Compact IoT sensors and smart home plugs. * **ZigBee/Thread:** Low-power mesh networking devices. * **Wearables:** Smartwatches and fitness trackers. --- ### 4. Critical Design Considerations When integrating this part into a PCB, engineers must follow specific layout rules: 1. **Ground Clearance:** This antenna requires a "keep-out" area on the PCB where no copper (ground or power planes) exists directly beneath or around the antenna. 2. **Matching Network:** Although it has a nominal impedance of 50 ohms, a **Pi-matching network** (using small inductors and capacitors) is usually required between the RF chip and the antenna to tune out parasitic effects from the PCB. 3. **Orientation:** The gain pattern is typically omnidirectional, but the orientation on the corner of a PCB significantly affects the radiation efficiency.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the matching network values for the LTCEC-2400F-R?
    • ⤷ What is the recommended PCB 'keep-out' zone dimensions for this chip antenna?
    • ⤷ How does this ceramic antenna compare to a PCB trace antenna in terms of efficiency?