LTCEC-24002-R
AI

The **LTCEC-24002-R** is a specialized high-performance thermoelectric cooler (TEC) assembly, typically designed for precision thermal management in medical, analytical, or industrial applications. It is part of the **Liquid-to-Air** or **Direct-to-Air** cooling series often manufactured by companies like Laird Thermal Systems.
---
### 1. Key Technical Specifications
The electrical and thermal characteristics are defined by its Peltier effect components.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Nominal Voltage** | 24 VDC |
| **Max Current** | ~4.0 - 5.0 Amperes |
| **Cooling Capacity ($Q_c$)** | ~40 - 50 Watts |
| **Operating Temperature** | -10°C to +60°C |
| **Weight** | Approx. 0.6 - 1.0 kg |
| **Connector Type** | Usually Molex or similar terminal headers |
---
### 2. Core Electronic Components
The assembly is not just a single part but an integrated system consisting of several electronic layers:
#### A. Thermoelectric Modules (TEMs)
The "heart" of the device. It uses bismuth telluride semiconductor pellets. When a DC current flows through the module, it creates a temperature gradient (Peltier effect), moving heat from the "cold side" to the "hot side."
#### B. DC Fans
To dissipate the heat moved to the hot side, a high-efficiency DC axial fan is integrated.
* **Voltage:** Matches the system (24V).
* **Feedback:** Often includes a "Tachometer" or "Locked Rotor" signal wire for system monitoring.
#### C. Thermal Interface Materials (TIM)
High-conductivity foils or greases are placed between the TEM and the heat sinks to minimize thermal resistance and maximize the Coefficient of Performance (COP).
---
### 3. Wiring and Control Logic
The LTCEC-24002-R usually features a multi-wire interface for integration into a PID (Proportional-Integral-Derivative) controller.
```yaml
Wiring_Configuration:
Red/Black (Heavy Gauge): Power input for the Peltier elements.
Red/Black (Fine Gauge): Power input for the cooling fan.
Yellow/White (Optional): Fan speed (Tachometer) or Temperature Sensor (NTC Thermistor).
```
---
### 4. Application Integration
Because this is a 24V component, it is commonly used in:
* **Medical Diagnostics:** Cooling reagents or maintaining laser diode temperatures.
* **Photonics:** Cooling high-power imaging sensors.
* **Battery Storage:** Small-scale thermal stabilization for sensitive electronics.
---
- ⤷
What is the maximum temperature differential (Delta T) for this specific model?
- ⤷ Does this assembly require a separate PID controller for temperature stabilization?
- ⤷ How do I calculate the power supply requirements for a multi-unit setup?