công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LTCEC-160F-R/Q

  • AI
    The **LTCEC-160F-R/Q** is a specialized electronic component, typically categorized as a **Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide a physical "click" sensation and complete a circuit when pressed. --- ### Technical Specifications Below is a breakdown of the typical electronic and mechanical characteristics for this series: | Property | Description / Value | | :--- | :--- | | **Component Type** | Tactile Switch (Push Button) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Operating Force** | 160gf (Grams-force) | | **Switch Action** | Momentary (Normally Open) | | **Contact Material** | Silver Plated (Standard for high conductivity) | | **Actuator Height** | Variable (Check specific "R/Q" suffix for stem length) | | **Durability** | ~100,000 to 500,000 cycles | --- ### Key Features 1. **Tactile Feedback**: The "160" in the part number usually refers to the **160gf actuation force**. This provides a crisp, audible, and physical response to the user, ensuring they know the button has been successfully pressed. 2. **Compact Footprint**: Designed for high-density PCB layouts. Its SMD nature allows for automated "Pick and Place" assembly. 3. **Suffix Meaning (R/Q)**: * **R**: Often refers to the packaging method, specifically **Tape & Reel**, which is essential for industrial automated assembly. * **Q**: Generally indicates a specific quality standard or a variation in the actuator material/shape (e.g., square vs. round). --- ### Internal Circuitry The device operates as a simple **SPST (Single Pole Single Throw)** momentary switch. ```cpp // Logic Representation // PIN 1 & 2 are connected internally // PIN 3 & 4 are connected internally [Pressed] -> Circuit CLOSED (Continuity between 1/2 and 3/4) [Released] -> Circuit OPEN (No continuity) ``` --- ### Common Applications * **Computer Peripherals**: Mouse buttons or keyboard function keys. * **Consumer Electronics**: Volume rockers on smartphones or power buttons on cameras. * **Home Appliances**: Control panels on microwave ovens or washing machines. * **Medical Devices**: Interface buttons on portable diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ What are the dimensions (footprint) of the LTCEC-160F-R/Q on a PCB?
    • ⤷ How does the '160gf' actuation force compare to other standard tactile switches?
    • ⤷ Can this switch be used in high-temperature environments like automotive dashboards?