LTCEC-1503-R/Q
AI

The **LTCEC-1503-R/Q** is a high-precision, current-sense resistor (often referred to as a shunt resistor) typically used in power management and current monitoring circuits.
---
## 1. Technical Specifications
Below are the primary electronic characteristics for this component series:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Current Sense Resistor (Metal Plate) |
| **Resistance Value** | 150 mΩ (0.150 Ω) |
| **Tolerance** | ±1% (F) or ±0.5% (D) depending on suffix |
| **Power Rating** | 3 Watts (typical for 1503 series) |
| **Package Code** | 1503 (1.5mm x 0.3mm or proprietary sizing) |
| **Temperature Coefficient** | ±50ppm/°C to ±100ppm/°C |
---
## 2. Key Features
* **Low Resistance:** Designed to measure current by creating a very small voltage drop without significant power loss.
* **Thermal Stability:** Uses metal alloy technology to ensure the resistance does not drift significantly as the component heats up.
* **High Power-to-Size Ratio:** Engineered to handle high wattage in a relatively small surface-mount footprint.
* **AEC-Q200 Compliance:** The "Q" suffix usually denotes automotive-grade qualification, meaning it is tested for high vibration and extreme temperature cycles.
---
## 3. Component Breakdown (Code Meaning)
While naming conventions vary slightly by manufacturer (such as LIZ Electronics or similar), the code generally breaks down as follows:
1. **LTC:** Series prefix (Low TCR Current Sense).
2. **EC:** Material/Construction code (Metal Plate/Epoxy Coating).
3. **1503:** Physical dimensions (Package size).
4. **R/Q:**
* **R:** Standard reel packaging.
* **Q:** Automotive Grade (AEC-Q200) certification.
---
## 4. Typical Applications
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in lithium batteries.
* **DC-DC Converters:** Providing feedback for current-mode control loops.
* **Motor Control:** Detecting overcurrent conditions in industrial or automotive motors.
* **Power Supplies:** Serving as a precision shunt for digital power monitoring.
---
- ⤷
What is the maximum operating temperature for the LTCEC-1503-R/Q?
- ⤷ How does the 'Q' suffix affect the testing standards for this resistor?
- ⤷ What are the recommended PCB footprint dimensions for a 1503 package?