LTCEC-140F-R/Q
AI

The **LTCEC-140F-R/Q** is a high-performance constant current LED controller, typically used in industrial machine vision applications. It is designed to provide precise, high-speed lighting control for LED illumination systems.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the LTCEC-140F series:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 24V DC |
| **Output Current** | Up to 140W (depending on configuration) |
| **Control Channels** | Single or Multi-channel (depending on exact suffix) |
| **Dimming Method** | PWM (Pulse Width Modulation) or Analog |
| **Trigger Mode** | External Hardware Trigger / Software Trigger |
| **Communication Interface** | RS232 or Ethernet (Q models often support specific protocols) |
---
### 2. Functional Components
The "parts" or internal logic of this controller focus on three main areas:
#### A. Power Regulation (Constant Current)
Unlike standard power supplies, the LTCEC-140F-R/Q uses **Constant Current** regulation. This is critical for LEDs because:
* It prevents thermal runaway.
* It ensures consistent brightness regardless of temperature fluctuations or cable resistance.
#### B. Strobe & Trigger Logic
The controller features high-speed switching circuitry (MOSFET-based) that allows the LED to pulse for very short durations (microseconds).
* **Overdrive Function:** Many models in this series allow "Overdriving," where the current is briefly pushed beyond the LED's continuous rating to achieve extreme brightness for high-speed photography.
#### C. Communication & Integration
* **R/Q Suffixes:** These usually denote the communication interface. "R" typically stands for RS232 serial control, while "Q" may refer to specific connector types (like M12) or specialized firmware for fast-response environments.
---
### 3. Connection Pinout (Typical)
Most LTCEC controllers utilize standard industrial connectors. A common configuration includes:
1. **V+ / V-**: Power input (24V).
2. **Trig+ / Trig-**: Opto-isolated trigger inputs to synchronize with a camera.
3. **LED+ / LED-**: Output to the lighting fixture.
4. **Data Pins**: RX/TX for RS232 or Ethernet pins for remote intensity adjustment.
---
### 4. Implementation Example
To control the device via a serial command (standard protocol), the logic follows this structure:
```python
# Example Pseudo-code for setting brightness via RS232
import serial
controller = serial.Serial('/dev/ttyS0', 19200)
# Command structure: [Header][Channel][Value][Checksum]
brightness_cmd = b'\x41\x01\xFF\x20'
controller.write(brightness_cmd)
```
- ⤷
What is the difference between the 'R' and 'Q' suffixes in this specific model?
- ⤷ How do I calculate the maximum pulse width for the overdrive mode?
- ⤷ Does this controller support GigE Vision or GenICam protocols?