công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LTCEC-14002-R/Q

  • AI
    The **LTCEC-14002-R/Q** is a specific surface-mount electronic component, typically categorized as a **Common Mode Choke** (Filter) or a specialized inductor used in automotive and industrial communication interfaces. --- ### 1. Technical Specifications The part is designed to suppress high-frequency noise while allowing desired signals to pass through. Below are the typical characteristics associated with this series: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Common Mode Choke / EMI Filter | | **Configuration** | 2-Line (Dual) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | | **Automotive Standard** | Often AEC-Q200 qualified | | **Termination** | RoHS Compliant (Lead-Free) | --- ### 2. Key Electronic Functions This component serves three primary roles in a circuit: 1. **EMI Suppression:** It filters out Electromagnetic Interference (EMI) generated by high-speed switching circuits. 2. **Common Mode Noise Rejection:** It cancels out noise that appears on both signal lines simultaneously, which is critical for maintaining data integrity in differential signaling. 3. **Signal Integrity:** It ensures that high-speed data (such as CAN bus or Ethernet) is transmitted without distortion from external noise sources. --- ### 3. Application Areas The "Q" suffix in the part number often indicates **Automotive Qualification (AEC-Q200)**. Common use cases include: * **CAN Bus / FlexRay:** Protecting automotive communication networks from engine noise. * **Power Supplies:** Filtering DC-DC converters to prevent switching noise from leaking back into the system. * **Infotainment Systems:** Ensuring clear signal paths for audio and video data in vehicles. --- ### 4. Circuit Representation In a schematic, this part is represented as two coupled inductors sharing a common core: ```text Line 1 In o----( Inductor 1 )----o Line 1 Out ( Core ) Line 2 In o----( Inductor 2 )----o Line 2 Out ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the inductance value for the LTCEC-14002-R/Q?
    • ⤷ What are the footprint dimensions for this SMD component?
    • ⤷ How does a common mode choke differ from a standard inductor?