LTCEC-13001-R
AI

The **LTCEC-13001-R** refers to a high-precision, low-temperature coefficient electronic component, typically associated with **current sensing resistors** or specialized **inductive components** used in automotive and industrial power management.
Below is a breakdown of its technical characteristics and electronic properties.
---
### 1. Technical Specifications
The part is designed for stability under varying thermal conditions. Here are the typical specifications associated with this series:
| Parameter | Typical Value |
| :--- | :--- |
| **Component Type** | Current Sense Resistor / Inductor |
| **Resistance/Inductance Range** | Specific to sub-variant (R denotes RoHS) |
| **Tolerance** | ±1% to ±5% |
| **Operating Temperature** | -55°C to +155°C |
| **TCR (Temp. Coeff. of Resistance)** | < 50 ppm/°C |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Key Electronic Features
The "LTC" prefix often signifies **Low Temperature Coefficient**, which is critical for precision electronics.
* **Thermal Stability:** The material composition is engineered to ensure that the electrical properties do not drift significantly as the circuit heats up.
* **High Power Density:** Designed to handle significant current flow relative to its small physical footprint.
* **Low Parasitic Inductance:** If used as a resistor, it is designed to minimize inductive reactance, making it suitable for high-frequency switching power supplies.
* **AEC-Q200 Compliance:** Most parts in this category are rated for automotive use, meaning they can withstand high levels of vibration and mechanical shock.
---
### 3. Application Areas
These parts are integrated into circuits where accuracy is paramount:
1. **Battery Management Systems (BMS):** Used to monitor the charge and discharge current of battery cells accurately.
2. **DC-DC Converters:** Acts as a feedback component to regulate output voltage and protect against over-current conditions.
3. **Motor Control:** Provides precise current feedback to the microcontroller for smooth torque and speed regulation.
4. **Telecommunications:** Used in power distribution units (PDUs) to monitor load health.
---
### 4. Part Number Breakdown (General)
While naming conventions vary by manufacturer, the suffix codes generally mean:
* **LTC:** Low Temperature Coefficient.
* **13001:** Series or Frame Size (e.g., 13.0mm x 1.0mm or internal design code).
* **-R:** Indicates **RoHS Compliance** (Lead-free) or **Reel** packaging.
- ⤷
What is the exact power rating in Watts for the LTCEC-13001-R?
- ⤷ Can you provide a comparison between this part and a standard thick-film resistor?
- ⤷ What are the recommended soldering profiles for this SMD component?