công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LTCEC-12253-R/Q

  • AI
    The **LTCEC-12253-R/Q** is a specific electronic sub-assembly, typically categorized as a **Backlight Inverter** or **CCFL (Cold Cathode Fluorescent Lamp) Driver Board**. These components are primarily used in legacy industrial LCD panels, medical monitors, and older POS (Point of Sale) systems to power the display illumination. --- ### 1. Technical Specifications This board acts as a DC-to-AC inverter, converting low-voltage direct current into the high-voltage alternating current required to strike and maintain the arc in CCFL tubes. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | CCFL Inverter / Backlight Driver | | **Input Voltage** | Typically 12V DC (standard for industrial panels) | | **Output Voltage** | 600V - 1500V AC (Striking voltage) | | **Number of Channels** | 1 to 2 Lamp Outputs | | **Control Interface** | Brightness Dimming (PWM or Analog) & On/Off Enable | --- ### 2. Key Electronic Components The board is comprised of several critical stages to ensure stable light output: 1. **Switching Controller (IC):** The "brain" of the board that manages the Pulse Width Modulation (PWM) to regulate power and brightness. 2. **Step-Up Transformer:** The most prominent component (usually a black or yellow block). It uses electromagnetic induction to boost the 12V input to the high-voltage output. 3. **Power MOSFETs:** Act as high-speed switches that chop the DC input into a square wave for the transformer. 4. **Output Connectors:** Usually small JST or BHR-type connectors specifically designed for high-voltage insulation. 5. **Protection Circuitry:** Includes fuses and sensing resistors to shut down the board if a lamp fails (Open Lamp Protection) or if there is a short circuit. --- ### 3. Common Applications Since CCFL technology is being phased out by LED, this specific part is usually found in: * **Industrial Terminals:** Siemens or Advantech industrial PCs. * **Medical Equipment:** Old ultrasound or patient monitoring screens. * **Atmospheric Displays:** High-brightness outdoor kiosks. --- ### 4. Troubleshooting & Safety * **High Voltage Warning:** When the board is powered, the output side carries over 600V. Do not touch the board while active. * **Failure Symptoms:** If the screen flashes briefly and goes black, or if there is a "pinkish" tint to the screen, the inverter or the lamps are likely failing. * **Compatibility:** The "-R/Q" suffix often denotes specific RoHS compliance or revision updates (e.g., Lead-Free or specific manufacturer batch).
    ✨ Follow-up Questions
    • ⤷ What are the input pin assignments for the LTCEC-12253-R/Q connector?
    • ⤷ Can this CCFL inverter be replaced with an LED driver kit?
    • ⤷ What is the specific input voltage range for this model?