LTCEC-12252-R
AI

The **LTCEC-12252-R** is a high-performance, shielded power inductor designed primarily for automotive and industrial power management applications. It belongs to a category of surface-mount (SMD) components known for high current handling and low electromagnetic interference (EMI).
---
### 1. Key Technical Specifications
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance** | 2.5 µH (Standard for this series) |
| **Tolerance** | ±20% |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded (Low EMI) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Composition** | Metal Alloy Core / Ferrite |
---
### 2. Physical Structure and Design
The component is engineered for durability in harsh environments. Its "12252" designation typically refers to its physical dimensions (approximately 12mm x 12mm with a height profile specific to the series).
* **Metal Core Technology:** Unlike standard wire-wound inductors with air cores, these use a molded metal powder. This allows for higher saturation currents in a smaller footprint.
* **Magnetic Shielding:** The construction ensures that the magnetic field is contained within the component. This is critical for dense PCB layouts to prevent noise interference with neighboring sensitive circuits.
* **RoHS Compliant:** The "-R" suffix usually indicates that the part is lead-free and complies with environmental regulations (RoHS).
---
### 3. Core Functional Advantages
1. **High Saturation Current ($I_{sat}$):** The part can handle high peak currents without the inductance dropping significantly. This prevents circuit failure during power spikes.
2. **Low DCR (DC Resistance):** By minimizing internal resistance, the inductor generates less heat and improves the overall energy efficiency of the power supply.
3. **Stability:** It maintains stable performance across a wide range of frequencies and temperatures, which is a requirement for automotive Grade 1 or 0 standards.
---
### 4. Common Applications
The LTCEC-12252-R is typically found in the following circuit types:
* **DC-DC Converters:** Used as a storage element in buck (step-down) or boost (step-up) converters.
* **Automotive Electronics:** Infotainment systems, Advanced Driver Assistance Systems (ADAS), and ECU power stages.
* **Industrial Power Supplies:** High-efficiency voltage regulators for factory automation.
* **LED Drivers:** Providing steady current for high-power lighting arrays.
---
- ⤷
What is the exact saturation current rating for the LTCEC-12252-R?
- ⤷How does a shielded inductor differ from a non-shielded one in terms of PCB layout?
- ⤷Can this inductor be used in high-frequency switching regulators above 1MHz?