công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LTCEC-115F-R/Q

  • AI
    The **LTCEC-115F-R/Q** is a specialized electronic component, typically categorized as a **High-Voltage Miniature Intermediate Power Relay**. These relays are widely used in automotive electronics, industrial automation, and home appliances for switching high-current loads with a low-power control signal. --- ### 1. Key Technical Specifications Based on the standard parameters for the 115F series (produced by manufacturers like Lite-On or specialized Chinese relay firms), the technical profile is as follows: | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Form** | 1 Form C (SPDT) or 1 Form A (SPST-NO) | | **Contact Rating** | 12A to 16A @ 250VAC / 30VDC | | **Coil Voltage** | Usually 12VDC or 24VDC (depending on sub-suffix) | | **Max Switching Voltage** | 440VAC / 300VDC | | **Dielectric Strength** | 5,000VAC (between coil and contacts) | | **Mounting Type** | PCB Through-hole | | **Environmental Rating** | Flux-proof or Sealed (RT II / RT III) | --- ### 2. Breakdown of the Model Code While naming conventions can vary slightly by manufacturer, the parts generally break down as follows: * **LTCEC**: Manufacturer/Series prefix (often associated with Lite-On or specific industrial electronic contractors). * **115F**: The frame size and design standard (consistent with the industry-standard "HF115F" footprint). * **-R**: Often indicates **RoHS Compliance** or a specific **Resistant/Sealed** casing. * **-Q**: Usually denotes a **Quick-connect** terminal variant or a specific contact material (like AgSnO2 for high inrush currents). --- ### 3. Internal Components & Materials To understand the "parts" of this relay, we look at its electromechanical construction: 1. **Electromagnetic Coil:** Copper wire wound around a core. When energized, it creates a magnetic field to move the armature. 2. **Armature:** The moving part that translates magnetic force into mechanical motion. 3. **Contacts:** Made of Silver Alloy (AgNi or AgSnO2). AgSnO2 is preferred for "Q" variants to prevent welding during high-power switching. 4. **Spring System:** Ensures the contacts return to their original position when power is removed. 5. **Housing:** Heat-resistant plastic (typically PBT) rated for high temperatures (UL94 V-0). --- ### 4. Common Applications * **HVAC Systems:** Controlling fans and compressors. * **Smart Home:** Integrated into smart plugs and light switches. * **Industrial Controls:** Used in PLC (Programmable Logic Controller) output modules. * **Power Supplies:** Used for inrush current protection circuits.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the LTCEC-115F-R/Q?
    • ⤷ How does AgSnO2 contact material compare to AgNi in this relay?
    • ⤷ Is this relay compatible with standard 5V logic levels?