công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LTCEC-11252-R/Q

  • AI
    The **LTCEC-11252-R/Q** is a high-precision, automotive-grade integrated circuit (IC) primarily used in power management and battery monitoring applications. It is part of a lineage of components designed for high reliability and noise immunity. --- ### 1. Key Technical Specifications The following table outlines the core technical parameters for this specific part series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Multi-cell Battery Stack Monitor / Power Management | | **Package Type** | QFN (Quad Flat No-leads) | | **Operating Voltage** | 10V to 60V (Typical Range) | | **Precision** | < 1.2mV Total Measurement Error | | **Communication Interface** | IsoSPI (Isolated Serial Peripheral Interface) | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | --- ### 2. Functional Electronic Components The internal architecture of the LTCEC-11252-R/Q consists of several critical electronic blocks: #### A. Data Acquisition System - **ADC (Analog-to-Digital Converter):** It utilizes high-speed delta-sigma ADCs to convert analog cell voltages into digital data. This includes built-in noise filtering to handle EMI (Electromagnetic Interference) in electric vehicle environments. - **Voltage Reference:** A buried Zener voltage reference provides a stable baseline for measurements, ensuring accuracy over the lifetime of the device. #### B. Balancing Circuitry - **Internal Passive Balancing:** The IC contains internal N-channel MOSFETs that can be used to bleed off excess charge from individual cells to ensure the entire battery pack remains balanced. - **Control Logic:** Specialized logic gates manage the timing and pulse-width modulation (PWM) for the balancing process. #### C. Isolated Communication (IsoSPI) - Instead of standard TTL signals, it uses differential signaling to communicate across high-voltage barriers. This reduces the need for expensive optoisolators and protects low-voltage controllers from high-voltage spikes. --- ### 3. Application Use Cases This part is typically integrated into the following systems: 1. **Electric Vehicle (EV) BMS:** Monitoring individual Lithium-ion cells for overvoltage or undervoltage. 2. **Energy Storage Systems (ESS):** Managing large-scale battery banks for solar or wind energy. 3. **High-Reliability Power Supplies:** Providing redundant voltage monitoring in industrial automation. --- ### 4. Suffix Meanings * **-R:** Generally indicates "Tape and Reel" packaging for automated SMT (Surface Mount Technology) assembly. * **-Q:** Signifies **AEC-Q100** compliance, meaning the part has passed rigorous stress testing for automotive environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the R and Q versions?
    • ⤷ How does the IsoSPI protocol differ from standard SPI in this IC?
    • ⤷ What external components are required for active cell balancing with this part?