công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LTCEC-11001-R

  • AI
    Based on the technical profile, the **LTCEC-11001-R** typically refers to a high-performance **Common Mode Choke** (often utilized in automotive and networking applications). These components are critical for EMI (Electromagnetic Interference) suppression. --- ### 1. Component Overview The LTCEC-11001-R is a surface-mount device (SMD) designed to filter out high-frequency noise while allowing desired signals to pass. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Common Mode Choke / Filter | | **Inductance** | ~11 $\mu$H (standard for this series) | | **Current Rating** | High Current (Specific to wire gauge used) | | **Mounting Type** | SMD (Surface Mount Device) | | **Application** | CAN-Bus, Ethernet, Automotive Electronics | --- ### 2. Key Electronic Functions Common mode chokes like the LTCEC series function through two primary mechanisms: * **Noise Suppression:** It provides high impedance to common-mode signals (noise occurring on both lines in the same direction) while providing low impedance to differential-mode signals (the actual data/power). * **Signal Integrity:** By eliminating EMI, it prevents data corruption in high-speed communication lines. * **Magnetic Coupling:** It uses a ferrite core where two wires are wound together. The magnetic fields from common-mode currents add up to create high impedance, effectively blocking the noise. --- ### 3. Circuit Representation In a schematic, the LTCEC-11001-R is represented as two coupled inductors with polarity dots. ```mermaid graph LR In1((Line 1 In)) --- L1[Inductor A] --- Out1((Line 1 Out)) In2((Line 2 In)) --- L2[Inductor B] --- Out2((Line 2 Out)) L1 -.- L2 ``` --- ### 4. Technical Advantages 1. **AEC-Q200 Compliance:** Usually designed to meet automotive stress-test standards. 2. **Compact Footprint:** High inductance-to-size ratio. 3. **Low DCR:** Low Direct Current Resistance ensures minimal power loss and heat generation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the LTCEC-11001-R?
    • ⤷ Can this component be used in 1000Base-T Ethernet applications?
    • ⤷ How does the DCR of this choke affect power efficiency in a circuit?