công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LTC3404MPMS8

  • AI
    ## Overview of LTC3404MPMS8 The **LTC3404MPMS8** is a high-efficiency, monolithic synchronous buck (step-down) regulator. It is specifically designed for high-reliability and military-grade applications, as indicated by the "MP" grade prefix. It is widely used in battery-powered devices due to its ability to maintain high efficiency over a broad range of load currents. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 2.65V to 6V | | **Output Current** | Up to 600mA | | **Switching Frequency** | 1.4MHz (Fixed) | | **Efficiency** | Up to 95% | | **Quiescent Current** | 10µA (Burst Mode operation) | | **Package Type** | MSOP-8 (Plastic Micro Small Outline) | | **Operating Temp** | -55°C to 125°C (MP-Grade) | --- ### Internal Electronic Components & Functions The device integrates several critical electronic sections within its 8-pin package: 1. **Internal Power MOSFETs**: It contains both a main P-channel switch and a synchronous N-channel rectifier. This eliminates the need for an external Schottky diode, reducing part count and increasing efficiency. 2. **Error Amplifier**: Compares the feedback voltage from the output against an internal 0.8V reference to maintain regulation. 3. **1.4MHz Oscillator**: A high-frequency internal clock allows the use of very small, low-profile inductors and capacitors. 4. **Burst Mode Operation**: At low load currents, the device enters Burst Mode, which significantly reduces gate charge losses and keeps the quiescent current at a mere 10µA. 5. **Soft-Start & Protection**: Includes internal circuitry to prevent current overshoot during startup and thermal shutdown to protect the chip from overheating. --- ### Pin Configuration (MSOP-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **RUN** | Shutdown Control. High = Run, Low = Shutdown. | | 2 | **ITH** | Error Amp compensation point. Used for loop stabilization. | | 3 | **Vfb** | Feedback Pin. Receives the feedback voltage from the output resistor divider. | | 4 | **GND** | Ground connection. | | 5 | **SW** | Switch Node connection to the external inductor. | | 6 | **Vin** | Main Power Supply input. | | 7 | **MODE** | Mode selection (High = Pulse Skipping, Low/Open = Burst Mode). | | 8 | **SYNC** | External clock synchronization input. | --- ### Typical Application Circuit Example To use this part, you typically need a few external passive components: an inductor ($L$), an input capacitor ($C_{in}$), an output capacitor ($C_{out}$), and two feedback resistors ($R_1, R_2$). ```text Input (2.65V-6V) ---- [Cin] ---- Vin (Pin 6) SW (Pin 5) ---- [Inductor] ---- Output (Vout) | Vfb (Pin 3) <---- [R1] ---------+ | | [R2] [Cout] | | GND GND ```
    ✨ Follow-up Questions
    • ⤷What is the difference between Burst Mode and Pulse Skipping mode in the LTC3404?
    • ⤷ How do I calculate the output voltage using the feedback resistors?
    • ⤷ What are the recommended inductor values for a 1.4MHz switching frequency?