công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LTC1663-8CMS8

  • AI
    ## LTC1663-8CMS8: Overview and Technical Details The **LTC1663-8CMS8** is a high-performance, ultra-low power, 8-bit Digital-to-Analog Converter (DAC) manufactured by Analog Devices (formerly Linear Technology). It is specifically designed for applications where space and power consumption are critical. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 8-Bit | | **Interface** | 2-Wire (I²C Compatible) | | **Supply Voltage Range** | 2.7V to 5.5V | | **Supply Current** | 60µA (Typical) | | **Sleep Mode Current** | 10µA (Maximum) | | **Package Type** | MSOP-8 (8-pin Micro Small Outline Package) | | **DNL/INL** | ±0.5 LSB Max (Differential Non-Linearity) | | **Output Type** | Rail-to-Rail Voltage Output | --- ### Core Functional Blocks The internal architecture of the LTC1663-8CMS8 consists of several critical electronic components: 1. **I²C Interface Logic:** Handles the communication protocol. It includes a slave address decoder and an input shift register to receive the 8-bit digital data and control bits. 2. **Resistor String DAC:** The core conversion mechanism. It utilizes a string of precision resistors to ensure inherent monotonicity (the output always moves in the same direction as the input). 3. **Output Buffer (Op-Amp):** An internal precision rail-to-rail amplifier that buffers the resistor string. This allows the DAC to drive capacitive loads and maintain a stable voltage output. 4. **Power-On Reset (POR):** Ensures that the DAC output starts at 0V (or a defined state) when power is first applied, preventing unpredictable system behavior. --- ### Pin Configuration (MSOP-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **Vcc** | Positive Supply Voltage (2.7V to 5.5V). | | 2 | **GND** | Ground reference. | | 3 | **SCL** | Serial Clock Input (I²C). | | 4 | **SDA** | Serial Data Input/Output (I²C). | | 5 | **AD0** | Address Select Pin (sets the LSB of the I²C address). | | 6 | **AD1** | Address Select Pin (sets the next bit of the I²C address). | | 7 | **REF** | Reference Voltage Input (determines full-scale output). | | 8 | **Vout** | Analog Voltage Output. | --- ### Application Use Cases * **Digital Calibration:** Adjusting offsets or gain in precision analog circuits. * **Industrial Process Control:** Controlling valves or actuators via voltage levels. * **Battery-Powered Instruments:** Due to its extremely low current draw and sleep mode. * **Trim Potentiometer Replacement:** Replacing mechanical pots with digital control for improved reliability.
    ✨ Follow-up Questions
    • ⤷ What are the specific I2C slave addresses available for the LTC1663?
    • ⤷ How does the 'Sleep Mode' function impact the DAC output voltage?
    • ⤷ Can the LTC1663-8CMS8 be used with a 1.8V logic level interface?