công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LT1780ISW

  • AI
    ## Overview of the LT1780ISW The **LT1780ISW** is a high-performance, low-power RS232 transceiver manufactured by Linear Technology (now part of Analog Devices). It is specifically designed for applications where power consumption is critical, and it integrates several key functions into a single surface-mount package. --- ### Technical Specifications The following table outlines the core electrical and mechanical characteristics of the LT1780ISW: | Parameter | Specification | | :--- | :--- | | **Function** | Dual RS232 Driver/Receiver | | **Operating Voltage** | 5V (Single Supply) | | **Number of Drivers** | 2 | | **Number of Receivers** | 2 | | **Data Rate** | Up to 120 kbps | | **Package Type** | SOIC-18 (Wide) | | **Shutdown Current** | 1 µA (Typical) | | **ESD Protection** | ±10kV | --- ### Key Electronic Components & Features The LT1780ISW is composed of several internal electronic subsystems that allow it to function efficiently: #### 1. Internal Charge Pump The device features an on-chip charge pump that uses four small external capacitors to generate the $\pm$10V necessary for RS232 signal levels from a single 5V DC input. * **Purpose:** Eliminates the need for multiple power supplies. #### 2. Driver (Transmitter) Section The drivers convert TTL/CMOS input levels into RS232 voltage levels. * **Slew Rate Control:** The internal circuitry limits the slew rate to minimize electromagnetic interference (EMI). * **Short-Circuit Protection:** The outputs are protected against grounding or shorting to high voltages. #### 3. Receiver Section The receivers convert RS232 input levels back to 5V TTL/CMOS levels. * **Hysteresis:** Built-in hysteresis provides noise immunity for signals with slow transitions. * **High Impedance:** Receivers maintain a 3k$\Omega$ to 7k$\Omega$ input impedance. #### 4. Shutdown and Enable Mode A dedicated "Shutdown" pin allows the chip to enter a ultra-low power state. * **Power Consumption:** Drops to approximately 1 µA. * **Three-State Outputs:** When disabled, the driver outputs enter a high-impedance state. --- ### Pin Configuration (SOIC-18) | Pin Name | Description | | :--- | :--- | | **V+ / V-** | Positive and Negative outputs of the internal charge pump. | | **C1+ / C1- / C2+ / C2-** | Terminals for external charge pump capacitors. | | **T1IN / T2IN** | TTL/CMOS logic inputs for the transmitters. | | **T1OUT / T2OUT** | RS232 logic outputs to the communication line. | | **R1IN / R2IN** | RS232 logic inputs from the communication line. | | **R1OUT / R2OUT** | TTL/CMOS logic outputs to the microcontroller. | | **SHDN** | Shutdown control pin (Active Low). | --- ### Application Circuit Example To use the LT1780ISW, you typically need five external 0.1µF capacitors. ```c // Pseudo-logic for MCU interfacing void setup() { pinMode(SHDN_PIN, OUTPUT); digitalWrite(SHDN_PIN, HIGH); // Wake up LT1780 } void loop() { // MCU sends data via T1IN/T2IN // MCU receives data via R1OUT/R2OUT } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the recommended values for the external charge pump capacitors?
    • ⤷ How does the LT1780 compare to the standard MAX232 in terms of power usage?
    • ⤷ What is the operating temperature range for the 'I' grade variant?