LSWM-453232-R39M-T
AI

The **LSWM-453232-R39M-T** is a specific part number for a Surface Mount Device (SMD) Wire-wound Chip Inductor. This component is typically used in power management and signal filtering circuits.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics of the component:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | `LSWM` | Low profile, wire-wound type magnetic shielded/unshielded inductor. |
| **Dimensions** | `453232` | Metric size: 4.5mm x 3.2mm x 3.2mm (EIA 1812 equivalent). |
| **Inductance** | `R39` | Inductance value: **0.39 µH** (R denotes decimal point). |
| **Tolerance** | `M` | Tolerance level: **±20%**. |
| **Packaging** | `T` | Tape and Reel packaging for automated SMT assembly. |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer (often Taiyo Yuden, Chilisin, or similar high-reliability brands), the standard specifications for an 1812-sized R39M inductor are:
* **Inductance:** 0.39 Microhenries (µH).
* **Operating Temperature:** Typically -40°C to +125°C.
* **DC Resistance (DCR):** Usually very low (in the milliohm range) to minimize power loss.
* **Saturation Current ($I_{sat}$):** The current at which inductance drops by a specified percentage (e.g., 30%).
* **Rated Current ($I_{rms}$):** The maximum continuous current the part can handle before a specific temperature rise (usually 40°C).
---
### 3. Construction and Features
* **Wire-wound Core:** Features a wire coiled around a ceramic or ferrite core. This construction allows for higher current handling and lower DCR compared to multilayer inductors.
* **SMD Design:** The flat top and rectangular shape are optimized for high-speed "pick and place" robotic assembly.
* **Magnetic Properties:** Depending on the specific sub-series, these are often designed to minimize electromagnetic interference (EMI).
---
### 4. Common Applications
This part is commonly found in the following electronic sectors:
1. **DC-DC Converters:** Used for energy storage and voltage regulation in power modules.
2. **Consumer Electronics:** Found in smartphones, tablets, and laptops for power rail filtering.
3. **Communication Equipment:** Used in base stations and networking hardware to suppress high-frequency noise.
4. **Automotive Infotainment:** Employed in non-safety critical electronic control units (ECUs).
---
- ⤷
What are the equivalent alternative part numbers for the LSWM-453232 series?
- ⤷ How does the 'R39' inductance value affect the ripple current in a power supply?
- ⤷ What is the difference between this wire-wound inductor and a multilayer ceramic inductor?