LSWM-453232-R39K-T
AI

The **LSWM-453232-R39K-T** is a surface-mount (SMD) wire-wound chip inductor. These components are primarily used in high-frequency circuits for signal filtering and impedance matching.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. Part Number Breakdown
The alphanumeric code follows a standard industry format for inductive components:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **LSWM** | Series Type | Wire-wound chip inductor (often indicates high Q factor). |
| **453232** | Case Size | Dimensions: 4.5mm x 3.2mm x 3.2mm (Metric 4532 / EIA 1812). |
| **R39** | Inductance Value | **0.39 µH** (R acts as a decimal point). |
| **K** | Tolerance | **±10%** (Standard tolerance for power/signal inductors). |
| **T** | Packaging | **Tape & Reel** (Standard for automated SMT assembly). |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer (such as Taiyo Yuden or Bourns equivalents), the general parameters for a 0.39 µH 1812 inductor are:
* **Inductance:** 0.39 µH
* **DC Resistance (DCR):** Typically low (approx. 0.20Ω to 0.45Ω), allowing for efficient power flow.
* **Rated Current (Idc):** Usually ranges between 450mA and 800mA.
* **Self-Resonant Frequency (SRF):** High (often > 250 MHz), making it suitable for high-frequency filtering.
* **Operating Temperature:** Generally -40°C to +125°C.
---
### 3. Key Electronic Functions
The LSWM-453232-R39K-T serves three primary roles in electronic design:
1. **Filtering:** It blocks high-frequency noise while allowing DC and low-frequency signals to pass (Low Pass Filter).
2. **Energy Storage:** In small DC-DC converters, it stores energy in its magnetic field during the switching cycle.
3. **Impedance Matching:** Used in RF (Radio Frequency) stages to ensure maximum power transfer between different circuit sections.
---
### 4. Typical Applications
* **Power Supplies:** Decoupling and noise suppression in switching regulators.
* **Telecommunications:** Signal processing in modems and routers.
* **Consumer Electronics:** Used in TVs, game consoles, and computer peripherals.
* **Automotive:** Infotainment systems and sensor modules.
- ⤷
What are the main differences between wire-wound and multilayer inductors?
- ⤷ How does the 'Q factor' affect the performance of this specific part?
- ⤷ Can I substitute a 0.39 µH inductor with a higher tolerance value in a filter circuit?