công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LSWM-453232-R33M-T

  • AI
    The **LSWM-453232-R33M-T** is a surface-mount (SMD) power inductor commonly used in radio frequency (RF) and power management circuits. This specific part number follows a standard nomenclature used by manufacturers like Taiyo Yuden or similar high-quality inductor producers. ### 1. Part Number Breakdown The nomenclature describes the physical and electrical characteristics of the component: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **LSWM** | Series Type | Wire-wound inductor, often for signal/power lines. | | **453232** | Case Size (Metric) | 4.5mm x 3.2mm x 3.2mm (approx. 1812 in Imperial). | | **R33** | Inductance Value | 0.33 µH (microhenries). | | **M** | Tolerance | ±20% | | **T** | Packaging | Taping/Reel for automated assembly. | --- ### 2. Key Electrical Characteristics While exact values depend on the specific manufacturer's datasheet, wire-wound inductors of this size (4532) typically share these features: * **Inductance:** 0.33 µH. This is a relatively low inductance, meaning it is designed for high-frequency switching or filtering. * **High Q Factor:** Because it is wire-wound, it offers a high Quality factor, making it efficient for RF applications. * **Current Rating:** Due to its 4532 size, it can typically handle a higher saturation current ($I_{sat}$) compared to smaller multilayer inductors. * **Low DCR:** It features low Direct Current Resistance (DCR), which minimizes power loss and heat generation. --- ### 3. Applications The LSWM-453232-R33M-T is generally used in the following scenarios: 1. **DC-DC Converters:** Used as an energy storage element in high-frequency power supplies. 2. **RF Circuits:** Ideal for impedance matching or as a high-frequency choke to block AC noise while allowing DC to pass. 3. **EMI Suppression:** Filtering electromagnetic interference in communication equipment. 4. **Consumer Electronics:** Found in tablets, smartphones, and hard drives where space and efficiency are critical. --- ### 4. Physical Dimensions (Reference) | Dimension | Measurement (mm) | | :--- | :--- | | Length (L) | 4.5 ± 0.3 | | Width (W) | 3.2 ± 0.2 | | Thickness (T) | 3.2 ± 0.2 | ---
    ✨ Follow-up Questions
    • What is the maximum current rating (Isat) for this specific inductor size?
    • Can I substitute a 1812 imperial sized inductor for this 4532 metric part?
    • How does the 'M' tolerance impact high-frequency circuit performance?