công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LSWM-453232-R22M-T

  • AI
    The **LSWM-453232-R22M-T** is a surface-mount (SMD) power inductor commonly used in radio frequency (RF) and power management circuits. This specific part number follows a standard nomenclature used by manufacturers like **Laird Performance Materials** or similar wire-wound inductor specialists. --- ### 1. Part Number Breakdown The alphanumeric code reveals the specific electrical and physical characteristics of the component: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **LSWM** | Series Code | Wire-wound Chip Inductor (Standard/Molded) | | **453232** | Case Size | Dimensions: 4.5mm x 3.2mm x 3.2mm (EIA 1812) | | **R22** | Inductance Value | **0.22 µH** (R denotes decimal point) | | **M** | Tolerance | **±20%** | | **T** | Packaging | Tape & Reel | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer, the typical specifications for an 1812-sized 0.22µH wire-wound inductor are: * **Inductance:** 0.22 µH * **DC Resistance (DCR):** Typically very low (approx. 0.05Ω to 0.15Ω) to minimize power loss. * **Rated Current:** High current handling capability (often ranging from 500mA to 1.5A depending on the specific sub-series). * **Self-Resonant Frequency (SRF):** Usually high (above 200 MHz), making it suitable for high-frequency applications. * **Operating Temperature:** Generally -40°C to +125°C. --- ### 3. Key Electronic Functions This component serves three primary roles in an electronic circuit: 1. **Energy Storage:** In DC-DC converters, it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency electromagnetic interference (EMI). 3. **Impedance Matching:** In RF circuits, it is used to match the impedance between different stages to ensure maximum power transfer. --- ### 4. Common Applications * **Power Supplies:** Buck/Boost converters in portable electronics. * **Telecommunications:** Base stations and networking equipment. * **Consumer Electronics:** High-definition video equipment and smart home devices. * **Automotive:** Infotainment systems and lighting control modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative case sizes for the LSWM series?
    • ⤷ How does the 'M' tolerance impact circuit performance compared to 'K' tolerance?
    • ⤷ What is the saturation current rating for this specific 0.22uH inductor?