công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LSWM-453232-R12M-B

  • AI
    The **LSWM-453232-R12M-B** is a surface-mount (SMD) wire-wound chip inductor. It is designed for high-frequency circuits and power management applications where stability and compact sizing are required. ### 1. Technical Specifications Breakdown The alphanumeric code provides specific details regarding its dimensions and electrical properties: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | LSWM | Wire-wound chip inductor series | | **Size Code** | 453232 | Dimensions in mm: 4.5 x 3.2 x 3.2 mm (approx. 1812 case size) | | **Inductance** | R12 | **0.12 µH** (R denotes decimal point) | | **Tolerance** | M | **±20%** tolerance | | **Packaging** | B | Bulk or specific reel packaging (brand dependent) | --- ### 2. Core Electrical Characteristics While specific brand datasheets (like Taiyo Yuden or Bourns equivalents) may vary slightly, typical characteristics for this part include: * **High Q Factor:** Wire-wound construction provides a higher Quality factor compared to multilayer inductors, making it efficient for RF applications. * **Current Handling:** Due to the 4532 (1812) footprint, it can handle higher DC currents (typically ranging from 400mA to 800mA depending on the specific manufacturer). * **SRF (Self-Resonant Frequency):** Usually high, often exceeding 500 MHz, allowing it to function effectively in high-frequency filtering. * **DCR (DC Resistance):** Low resistance to minimize power loss and heat generation. --- ### 3. Physical Construction The part is constructed using a **ceramic or ferrite core** with a copper wire wrapped around it. The exterior is often coated with an epoxy resin for mechanical protection and heat resistance. #### Internal Structure Diagram ```text [ Wire Winding ] _____________________ | _______________ | | | CORE | | <-- Ferrite or Ceramic | |_______________| | |_____________________| [Terminal] [Terminal] ``` --- ### 4. Common Applications 1. **Telecommunications:** Used in mobile phones and base stations for high-frequency signal processing. 2. **Power Supply:** Functions as a filter or decoupling component in DC-DC converters to reduce ripple. 3. **Consumer Electronics:** Found in motherboards and tablets for EMI (Electromagnetic Interference) suppression. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the LSWM-453232 series?
    • ⤷ How does this wire-wound inductor compare to a multilayer inductor of the same size?
    • ⤷ Can you provide the footprint layout (land pattern) for the 453232 package?