LSWM-453232-R12J-B
AI

The **LSWM-453232-R12J-B** is a surface-mount (SMD) wire-wound inductor, typically used for high-frequency filtering and signal processing. Based on the standard alphanumeric naming conventions for electronic components (likely from a manufacturer like ABC Taiwan or similar), here is the detailed breakdown.
### 1. Part Number Deciphering
The part number follows a specific syntax that describes its physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **LSWM** | Series Name | Low profile, Surface-mount, Wire-wound Molded inductor. |
| **453232** | Dimensions | Metric size: 4.5mm x 3.2mm x 3.2mm (approx. 1812 case size). |
| **R12** | Inductance Value | **0.12 µH** (R denotes the decimal point). |
| **J** | Tolerance | **±5%** (Standard tolerance for precision inductors). |
| **B** | Packaging/Special | Often indicates Bulk or a specific plating/coating type. |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer, the standard specifications for a 453232-R12J are:
* **Inductance:** 0.12 µH
* **Tolerance:** ±5% (J)
* **Case Size:** 1812 (Imperial) / 4532 (Metric)
* **Core Material:** Usually Ferrite or Ceramic (depending on the frequency target).
* **Mounting Type:** SMD/SMT (Surface Mount Technology).
* **Operating Temperature:** Typically -40°C to +125°C.
---
### 3. Application and Usage
These components are designed for stability and high-performance filtering.
#### Common Uses:
* **RF Circuits:** Used in high-frequency communication equipment due to the stable Q factor.
* **EMI Suppression:** Filtering out high-frequency noise in power supply lines.
* **Signal Decoupling:** Preventing interference between different stages of a circuit.
* **Consumer Electronics:** Found in TVs, set-top boxes, and broadband modems.
---
### 4. Typical Footprint (Dimensions)
The "453232" code indicates the physical volume of the component:
| Dimension | Measurement (mm) |
| :--- | :--- |
| **Length (L)** | 4.5 ± 0.3 mm |
| **Width (W)** | 3.2 ± 0.2 mm |
| **Height (T)** | 3.2 ± 0.2 mm |
---
### 5. Equivalent Components
If you are looking for alternatives, you can search for the **1812 (4532)** package size with a **120nH (0.12µH)** inductance rating from manufacturers like:
* TDK (NLV series)
* Murata (LQH series)
* Bourns (CM series)
- ⤷What is the maximum current rating (Idc) for this specific inductor size?
- ⤷ How does the 'Q factor' of a wire-wound inductor compare to a multilayer inductor?
- ⤷ Can this part be used in automotive applications requiring AEC-Q200 certification?