LSW-0805-R82K-T
AI

The **LSW-0805-R82K-T** is a surface-mount (SMD) wire-wound ceramic chip inductor. These components are primarily used in high-frequency circuits for filtering, impedance matching, and resonance.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code reveals the specific characteristics of the component:
| Segment | Meaning | Value / Description |
| :--- | :--- | :--- |
| **LSW** | Series Code | Wire-wound Inductor (Standard Type) |
| **0805** | Case Size | 0805 Imperial (approx. 2.0 x 1.2 mm) |
| **R82** | Inductance Value | 0.82 Microhenries ($\mu$H) or 820nH |
| **K** | Tolerance | ±10% |
| **T** | Packaging | Tape & Reel |
---
### 2. Technical Specifications
The typical electrical profile for an inductor with this part number (based on industry standards for 0805 wire-wound inductors) is as follows:
* **Inductance:** $0.82 \mu\text{H}$ (at a test frequency of 25.2 MHz).
* **Quality Factor (Q):** Typically $>25$ to $45$ (varies by manufacturer).
* **SRF (Self-Resonant Frequency):** Approx. $350 - 450 \text{ MHz}$.
* **DC Resistance (DCR):** Usually in the range of $0.5$ to $1.2 \Omega$.
* **Rated Current:** Typically $200 - 400 \text{ mA}$ (max).
* **Operating Temperature:** $-40^\circ\text{C}$ to $+125^\circ\text{C}$.
---
### 3. Key Features and Construction
* **Wire-Wound Core:** Uses a ceramic core with a copper wire wound around it. This provides a much higher "Q" factor (efficiency) compared to multilayer ceramic inductors.
* **Ceramic Body:** Offers excellent thermal stability and low loss at high frequencies.
* **High SRF:** The physical design allows it to function as an inductor at much higher frequencies before it becomes capacitive.
---
### 4. Common Applications
This specific value ($0.82 \mu\text{H}$) is frequently used in:
1. **RF Circuits:** Matching networks for antennas in Bluetooth or Wi-Fi modules.
2. **Filtering:** LC filters for noise suppression in communication equipment.
3. **Signal Conditioning:** Decoupling and isolation in high-speed data lines.
---
- ⤷
What are the differences between ceramic-core and ferrite-core inductors?
- ⤷ How does the 'Q factor' affect the performance of this inductor in an RF circuit?
- ⤷ Is there a direct equivalent for this part from manufacturers like Murata or TDK?