LSW-0805-R22F-T
AI

The part number **LSW-0805-R22F-T** refers to a high-frequency wire-wound chip inductor. These components are commonly used in RF (Radio Frequency) circuits due to their high Q-factor and stable inductance values.
### 1. Part Number Breakdown
The nomenclature for this component typically follows this industry-standard structure:
| Code | Segment | Description |
| :--- | :--- | :--- |
| **LSW** | Series | Low-profile, Surface mount, Wire-wound inductor |
| **0805** | Case Size | EIA 0805 (Metric 2012): 2.0mm x 1.25mm |
| **R22** | Inductance | **220 nH** (R denotes decimal point in microhenries: 0.22µH) |
| **F** | Tolerance | **±1%** (High precision) |
| **T** | Packaging | Tape & Reel |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer (such as Taiyo Yuden or Chilisin), the typical specifications for a 0805 220nH wire-wound inductor are:
* **Inductance:** 220 nH
* **Tolerance:** ±1% (Standard for "F" suffix)
* **Quality Factor (Q):** Usually 25–50 min (measured at ~250 MHz)
* **Self-Resonant Frequency (SRF):** Approximately 900 MHz to 1.2 GHz
* **DC Resistance (DCR):** ~0.50 to 0.70 Ohms (Max)
* **Rated Current:** ~300mA to 500mA
---
### 3. Key Features & Applications
#### Features
* **Wire-Wound Construction:** Provides significantly higher Q factors and higher current handling compared to multilayer ceramic inductors.
* **High Precision:** The 1% tolerance makes it ideal for tuning circuits.
* **Compact Footprint:** The 0805 size is small enough for modern mobile electronics but large enough for easy automated assembly.
#### Applications
* **RF Matching:** Used in impedance matching networks for antennas.
* **Filter Circuits:** High-pass, low-pass, and band-pass filters for wireless communication.
* **Oscillators:** Frequency stabilization in VCOs (Voltage Controlled Oscillators).
* **Mobile Communication:** Bluetooth, Wi-Fi, and cellular RF modules.
---
### 4. Footprint Dimensions (EIA 0805)
```text
<--- 2.0mm --->
_______________ ^
| | |
| Ind | 1.25mm
|_______________| |
v
```
- ⤷
What are the main differences between wire-wound and multilayer inductors in RF applications?
- ⤷ How does the Q-factor impact the performance of this inductor in a filter circuit?
- ⤷ Can you provide a cross-reference for this part from another manufacturer?