LSMT4-1151-R
AI

The **LSMT4-1151-R** is a specific electronic component belonging to the category of **Surface Mount Device (SMD) Tactile Switches**. These are commonly used in consumer electronics, automotive interfaces, and industrial controls where a physical "click" feedback is required.
---
### Technical Specifications
Below are the primary electronic and mechanical characteristics of the LSMT4-1151-R:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMT/SMD) |
| **Actuation Force** | 160 ± 50 gf (Grams-force) |
| **Travel Distance** | 0.25 mm ± 0.1 mm |
| **Current Rating** | 50mA |
| **Voltage Rating** | 12V DC |
| **Contact Resistance** | 100mΩ Max |
| **Operating Life** | ~100,000 Cycles |
---
### Internal Construction
The switch is composed of four main electronic/mechanical layers:
1. **Actuator (Button):** The top part that the user presses. In the "1151" series, this is typically a low-profile stem.
2. **Contact Dome:** A stainless steel or copper alloy dome. When pressed, it collapses to complete the circuit and provides the tactile "click" sensation.
3. **Base (Housing):** Usually made of high-temperature thermoplastic (like LCP) to withstand reflow soldering temperatures.
4. **Terminals:** Silver-plated leads designed for soldering onto a PCB (Printed Circuit Board).
---
### Typical Circuit Application
Tactile switches like the LSMT4-1151-R are generally used as **input signals** for microcontrollers. Because they are momentary (only "on" while pressed), they are often paired with a pull-up or pull-down resistor.
```cpp
// Example: Arduino Logic for a Tactile Switch
const int switchPin = 2;
void setup() {
pinMode(switchPin, INPUT_PULLUP); // Internal resistor keeps pin HIGH
}
void loop() {
int state = digitalRead(switchPin);
if (state == LOW) {
// Switch is pressed, completing the circuit to Ground
executeAction();
}
}
```
---
### Key Advantages
* **Compact Footprint:** Ideal for high-density PCB designs.
* **Tactile Feedback:** Provides clear physical confirmation to the user.
* **Durability:** Rated for high-cycle operations despite its small size.
* **Reflow Compatible:** Designed to be soldered using automated SMT pick-and-place machines.
- ⤷
What is the physical footprint size (dimensions) of the LSMT4 series?
- ⤷ How does the 'R' suffix affect the packaging
- ⤷ such as Tape and Reel?
- ⤷ What are the recommended soldering temperature profiles for this SMD switch?