LSMT2-345G1-R
AI

The **LSMT2-345G1-R** is a high-performance **Micro-Electro-Mechanical Systems (MEMS)** microphone. It is specifically designed as a top-port silicon microphone that converts acoustic pressure waves into electrical signals with high sensitivity and low power consumption.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Transducer Type** | MEMS (Silicon) |
| **Output Type** | Analog |
| **Directionality** | Omnidirectional |
| **Sensitivity** | -42 dBV/Pa (±3dB) |
| **Signal-to-Noise Ratio (SNR)** | ~59 dB(A) |
| **Supply Voltage (Vdd)** | 1.5V to 3.6V |
| **Current Consumption** | < 150 µA |
| **Frequency Range** | 100 Hz to 10 kHz |
| **Port Location** | Top Port |
---
### 2. Physical Construction & Pinout
The device is housed in a compact, surface-mount (SMD) package. Because it is a "Top Port" device, the sound inlet hole is located on the top of the metal lid, rather than through the PCB.
* **Package Dimensions:** Typically 3.76mm x 2.95mm x 1.1mm.
* **Acoustic Hole:** Located on the top side.
* **Terminal Finish:** Gold (Au) plated for better conductivity and oxidation resistance.
#### Pin Configuration (Standard Layout)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | **OUT** | Analog output signal |
| 2 | **GND** | Ground connection |
| 3 | **GND** | Ground connection |
| 4 | **Vdd** | Power supply input |
---
### 3. Functional Features
* **MEMS Technology:** Utilizes a tiny silicon diaphragm etched via semiconductor processes, offering high reliability and resistance to mechanical shock.
* **Low Impedance Output:** Designed to drive analog-to-digital converters (ADCs) or pre-amplifiers directly.
* **Reflow Solderable:** Compatible with standard lead-free automated pick-and-place assembly.
* **Environmental Stability:** Minimal sensitivity drift over temperature changes compared to traditional Electret Condenser Microphones (ECM).
---
### 4. Typical Application Circuit
When integrating the LSMT2-345G1-R, a decoupling capacitor is required on the supply line to ensure a clean signal.
```c
// Conceptual Hardware Layout
[Power Supply 1.8V-3.3V] ----+----[Vdd Pin]
|
[0.1uF Capacitor]
|
[GND]
[Output Pin] ---------------> [Pre-Amp / ADC Input]
[GND Pins] -----------------> [Common Ground Plane]
```
---
### 5. Common Use Cases
* **Mobile Electronics:** Smartphones, tablets, and wearables.
* **Hearables:** TWS (True Wireless Stereo) earbuds and headsets.
* **IoT Devices:** Smart home sensors and voice-activated assistants.
* **Industrial:** Acoustic monitoring and noise detection systems.
- ⤷What is the difference between top-port and bottom-port MEMS microphones?
- ⤷ What is the maximum acoustic input level (AOP) for this model?
- ⤷ Can you provide a PCB footprint recommendation for the LSMT2 series?