LSMT2-145G1-R
AI

The **LSMT2-145G1-R** is a high-performance, low-profile Surface Mount Technology (SMT) tactile switch. These components are commonly used in consumer electronics, medical devices, and industrial controls where space is limited but high reliability is required.
---
### 1. General Specifications
Below are the primary technical parameters for the LSMT2-145G1-R:
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Often associated with brands like Link-PP or similar switch specialists |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Actuation Force** | Typically 160gf to 240gf (depending on specific sub-series) |
| **Switch Type** | Momentary (Normally Open) |
| **Operating Life** | 100,000 to 500,000 cycles |
| **Contact Rating** | 50mA @ 12V DC |
| **Operating Temperature** | -25°C to +70°C |
---
### 2. Physical Construction
The part is designed with a "Gull-wing" lead configuration for SMT soldering. Its architecture consists of:
* **Base/Housing:** High-temperature thermoplastic (LCP or Nylon) capable of withstanding reflow soldering temperatures.
* **Contact Dome:** A stainless steel or phosphor bronze dome that provides the "click" tactile feedback and completes the circuit.
* **Actuator:** A small stem (plunger) that the user presses; in the "145" series, this is usually a low-profile height.
* **Terminals:** Silver-plated brass for high conductivity and oxidation resistance.
---
### 3. Application Use-Cases
Due to its small footprint and tactile feedback, it is ideal for:
1. **Wearables:** Smartwatches and fitness trackers.
2. **Portable Electronics:** Reset buttons on routers or power buttons on smartphones.
3. **Human-Machine Interfaces (HMI):** Control panels for appliances.
### 4. Typical Footprint (Example Layout)
The PCB footprint usually requires four pads (two for the switch signal and two for mechanical stability/grounding).
```c
// Example Pad Layout Concept
[PAD 1] ---- [PAD 2]
| |
| SW BODY |
| |
[PAD 3] ---- [PAD 4]
```
---
- ⤷
What is the exact height of the actuator for the 145G1 variant?
- ⤷ What is the recommended reflow soldering profile for this switch?
- ⤷ Are there waterproof (IP67) versions of the LSMT series available?