AI

The **LSMT2-115G0-R** is a high-performance, surface-mount (SMD) magnetic transducer, commonly referred to as a **magnetic buzzer**. It is designed for compact electronic devices that require reliable acoustic signaling.
---
### 1. General Specifications
Below are the primary technical parameters for the LSMT2-115G0-R:
| Parameter | Value |
| :--- | :--- |
| **Type** | Magnetic Transducer (External Drive) |
| **Rated Voltage** | 1.5V (Operating range typically 1.0 - 2.0V) |
| **Rated Current** | Max 80mA |
| **Sound Pressure Level (SPL)** | Min 85dB at 10cm |
| **Resonant Frequency** | 2,730 Hz |
| **Coil Resistance** | 5.5 ± 1.0 $\Omega$ |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Physical Characteristics
The "LSMT" series is characterized by its small footprint, optimized for automated pick-and-place assembly.
* **Package Dimensions:** 11.5mm x 11.5mm x 3.0mm.
* **Mounting Type:** Surface Mount Device (SMD).
* **Weight:** Approximately 0.5g.
* **Housing Material:** High-temperature plastic (LCP) capable of withstanding reflow soldering temperatures.
---
### 3. Functional Working Principle
Unlike an "Indicator" (which has internal circuitry to generate a beep), the LSMT2-115G0-R is a **Transducer**.
* **External Drive Required:** It requires an external oscillating signal (usually a square wave) to function.
* **Mechanism:** When a square wave is applied to the coil, it generates a varying magnetic field. This field interacts with a permanent magnet and a metal diaphragm, causing the diaphragm to vibrate and create sound waves.
---
### 4. Typical Application Circuit
To drive this component using a Microcontroller (MCU), a transistor is required because the current draw (80mA) exceeds standard GPIO limits.
```cpp
// Example: Driving the buzzer using Arduino PWM
void setup() {
pinMode(9, OUTPUT); // Connect Pin 9 to Transistor Base
}
void loop() {
tone(9, 2730); // Generate the resonant frequency
delay(500); // Beep for 0.5 seconds
noTone(9); // Stop
delay(500);
}
```
---
### 5. Key Design Considerations
1. **Flyback Diode:** It is recommended to place a diode (e.g., 1N4148) in parallel with the buzzer to protect the driving transistor from inductive voltage spikes.
2. **Frequency Matching:** For maximum volume, the input signal must be as close to **2,730 Hz** as possible. Sound output drops significantly if the frequency deviates from this resonant point.
3. **Polarity:** Ensure the "+" mark on the casing matches the positive side of your circuit.
- ⤷What is the difference between a magnetic transducer and a piezo buzzer?
- ⤷ Can I drive this buzzer directly from a 3.3V logic pin?
- ⤷ What are the recommended reflow soldering profiles for this component?