công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LSML-160808-R15K-B

  • AI
    The **LSML-160808-R15K-B** is a surface-mount multilayer chip inductor. This specific part number follows standard industry nomenclature for passive electronic components, typically associated with manufacturers like Sunlord or similar high-frequency component specialists. --- ### 1. Part Number Breakdown | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | `LSML` | Multilayer Chip Inductor (Standard/High Frequency) | | **Size Code** | `160808` | Physical dimensions: 1.6mm x 0.8mm x 0.8mm (EIA 0603) | | **Inductance** | `R15` | 0.15 µH (150 nH) | | **Tolerance** | `K` | ±10% | | **Packaging** | `B` | Bulk (though often refers to specific termination or tape styles) | --- ### 2. Technical Specifications Based on the standard parameters for the **0603 (1608)** series 0.15µH inductors: * **Inductance:** 0.15 microhenries (µH) or 150 nanohenries (nH). * **Tolerance:** ±10% (Class K). * **Case Size:** 0603 (Imperial) / 1608 (Metric). * **Structure:** Multilayer ceramic technology. This provides a monolithic structure that is highly reliable and offers excellent magnetic shielding to prevent EMI. * **Operating Temperature:** Typically ranges from -55°C to +125°C. --- ### 3. Key Applications These components are primarily used in high-density electronic circuits where space and interference management are critical: * **RF & Wireless:** Used in matching circuits for Wi-Fi, Bluetooth, and cellular modules. * **EMI Suppression:** Filtering high-frequency noise in digital signal lines. * **Consumer Electronics:** Found in smartphones, tablets, and wearable devices. * **Power Management:** Low-current decoupling for integrated circuits (ICs). --- ### 4. Physical Dimensions (Metric) | Dimension | Value (mm) | Tolerance | | :--- | :--- | :--- | | **Length (L)** | 1.60 mm | ±0.15 mm | | **Width (W)** | 0.80 mm | ±0.15 mm | | **Thickness (T)** | 0.80 mm | ±0.15 mm | --- ### 5. Equivalent Comparison If you are sourcing an alternative, look for these common industry matches: ```text Manufacturer Match: - TDK: MLK1608 Series - Murata: LQG18 Series - Taiyo Yuden: HK1608 Series ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated current for the LSML-160808-R15K-B?
    • ⤷ How does a multilayer inductor differ from a wire-wound inductor?
    • ⤷ Can this inductor be used in high-speed data line filtering?