LSML-160808-R10M-T
AI

The **LSML-160808-R10M-T** is a surface-mount multilayer chip inductor commonly used in high-frequency and power-filtering applications. It is designed to be compact and efficient for modern PCB layouts.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical characteristics:
| Code | Segment | Meaning |
| :--- | :--- | :--- |
| **LSML** | Series | Multilayer Chip Inductor (Standard low-profile series) |
| **160808** | Size (Metric) | Dimensions: 1.6mm (L) x 0.8mm (W) x 0.8mm (H). Equivalent to **0603** in Imperial. |
| **R10** | Inductance | **0.10 µH** (R denotes the decimal point). |
| **M** | Tolerance | **±20%** tolerance. |
| **-T** | Packaging | **Tape & Reel** (Standard for automated SMD assembly). |
---
### 2. Key Specifications
While specific values can vary slightly by manufacturer (e.g., Sunlord or similar brands), the typical technical profile for this part is as follows:
- **Inductance:** 0.10 µH (100 nH)
- **Rated Current (Max):** Usually between 200mA and 400mA (application dependent).
- **DC Resistance (DCR):** Low resistance, typically < 0.30 Ω, to minimize power loss.
- **Operating Temperature:** -40°C to +85°C or +125°C.
- **Material:** Ferrite-based multilayer construction.
---
### 3. Features and Construction
The "Multilayer" design means the inductor is built by layering conductive patterns and ceramic/ferrite materials rather than winding a wire around a core.
* **Magnetic Shielding:** The multilayer structure provides a closed magnetic circuit, minimizing Electromagnetic Interference (EMI) with neighboring components.
* **High Reliability:** No external windings mean it is more resistant to mechanical shock and vibration.
* **Solderability:** Features nickel/tin plating for excellent reflow soldering performance.
---
### 4. Common Applications
Due to its small 0603 footprint and 0.10 µH inductance, it is frequently found in:
1. **Smartphones & Tablets:** For noise suppression in high-speed data lines.
2. **RF Circuits:** Matching networks and decoupling in wireless modules (Wi-Fi, Bluetooth).
3. **Power Management:** Filtering high-frequency ripples in DC-DC converters.
- ⤷
What is the difference between this multilayer inductor and a wire-wound inductor?
- ⤷ Can this part be used in automotive applications?
- ⤷ What are the typical test frequencies for the R10M inductance value?