LSMH-2012-R15S-B
AI

The **LSMH-2012-R15S-B** is a high-frequency, surface-mount multilayer chip inductor. These components are primarily used for power management and signal filtering in compact electronic devices such as smartphones, wearables, and IoT modules.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical parameters for this specific part number:
| Parameter | Specification | Unit |
| :--- | :--- | :--- |
| **Inductance** | 0.15 (R15) | µH |
| **Tolerance** | ±0.3 (S) | nH / % |
| **Case Size** | 2012 (0805 Imperial) | mm |
| **DC Resistance (DCR)** | ~0.15 - 0.25 (Max) | Ω |
| **Rated Current** | ~400 - 800 | mA |
| **Operating Temp** | -40 to +125 | °C |
---
### 2. Part Number Breakdown
The alphanumeric code follows a standardized format used by manufacturers (like Sunlord or Chilisin):
1. **LSMH**: Series prefix (typically High-Frequency Multilayer Chip Inductor).
2. **2012**: Physical dimensions (2.0mm length x 1.25mm width).
3. **R15**: Inductance value. "R" acts as a decimal point, so R15 = **0.15µH**.
4. **S**: Tolerance code. "S" usually denotes a specific tight tolerance (e.g., ±0.3nH).
5. **B**: Packaging or internal revision code (usually indicates Bulk or specific Tape & Reel).
---
### 3. Key Applications
Because of its small footprint and low inductance value, this part is ideal for:
* **RF Circuits:** Matching networks for Bluetooth, Wi-Fi, and GPS.
* **High-Speed Signal Lines:** Filtering noise without degrading signal integrity.
* **DC-DC Converters:** Small-scale power conversion in mobile devices.
---
### 4. Sample Integration (Footprint Definition)
When designing a PCB for this part, the landing pattern should follow the 0805 (2012 Metric) standard:
```markdown
// Typical Pad Dimensions (mm)
Width: 1.25mm
Gap between pads: 1.0mm
Pad Length: 0.8mm
```
- ⤷
What are the equivalent alternative part numbers for this inductor?
- ⤷ How does the self-resonant frequency (SRF) affect its performance in RF circuits?
- ⤷ Can this part be used in high-vibration automotive environments?