công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LSMH-2012-R12J-B

  • AI
    The **LSMH-2012-R12J-B** is a surface-mount (SMD) power inductor commonly used in compact electronic circuits for power management and signal filtering. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **LSMH** | Series Name | High-current, multilayer/molded chip inductor series. | | **2012** | Dimensions | Metric size: 2.0mm x 1.25mm (equivalent to 0805 imperial). | | **R12** | Inductance Value | R12 = 0.12 microhenries ($\mu H$). | | **J** | Tolerance | J = $\pm5\%$ (Standard precision for this type). | | **B** | Packaging/Finish | Typically indicates Bulk or specific Lead-free termination. | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (such as Taiyo Yuden or Sunlord), the standard specifications for an 0805 R12J inductor are: * **Inductance:** $0.12 \mu H$ * **Case Size:** 2012 (Metric) / 0805 (Imperial) * **Operating Temperature:** Generally $-40^\circ C$ to $+125^\circ C$ * **DC Resistance (DCR):** Low (typically $<0.2 \Omega$), designed to minimize power loss. * **Saturation Current:** High relative to size, allowing it to handle peaks in power supply lines. --- ### 3. Key Features & Applications #### Features * **Magnetic Shielding:** Most LSMH series parts are shielded to reduce Electromagnetic Interference (EMI), preventing the inductor from affecting nearby sensitive components. * **High Current Density:** Designed to handle significant current despite the small 0805 footprint. * **Monolithic Structure:** Provides high reliability and excellent magnetic coupling. #### Common Applications 1. **DC-DC Converters:** Used in voltage regulator modules for smartphones and tablets. 2. **Noise Suppression:** Filtering high-frequency noise in power supply lines. 3. **RF Circuits:** Due to the low inductance ($0.12 \mu H$), it can be used in high-frequency matching or decoupling. 4. **Consumer Electronics:** Ideal for ultra-thin devices where vertical space is limited. --- ### 4. Comparison with Standard Inductors Compared to standard wire-wound inductors, the LSMH (Multilayer/Molded) type offers: ```markdown - Better physical durability (solid body). - Lower profile (height). - Better EMI performance due to internal shielding. - Slightly higher DCR compared to large wire-wound alternatives. ```
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the LSMH-2012 series?
    • ⤷ How does the 'R12' inductance value affect the ripple current in a buck converter?
    • ⤷ What is the maximum current rating (Irms) for this specific 0805 inductor?