LS404C
AI

The **LS404C** is a high-performance quad operational amplifier (Op-Amp) designed specifically for high-quality audio applications and precision signal processing. It belongs to the family of wide-bandwidth, low-noise amplifiers.
---
### ## 1. Technical Specifications
The following table summarizes the key electrical characteristics of the LS404C:
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 4 (Quad) |
| **Supply Voltage Range** | ±3V to ±18V |
| **Gain Bandwidth Product** | 3.0 MHz |
| **Slew Rate** | 1.5 V/µs |
| **Input Noise Voltage** | 15 nV/√Hz |
| **Input Offset Voltage** | 2.0 mV (Typical) |
| **Operating Temperature** | 0°C to 70°C |
| **Package Types** | DIP-14, SO-14 |
---
### ## 2. Internal Architecture & Pinout
The LS404C consists of four independent, internally compensated operational amplifiers. They are designed to operate from a single power supply or split supplies.
#### **Standard Pin Configuration (DIP-14/SO-14):**
1. **Output 1**
2. **Inverting Input 1**
3. **Non-inverting Input 1**
4. **V+ (Positive Supply)**
5. **Non-inverting Input 2**
6. **Inverting Input 2**
7. **Output 2**
8. **Output 3**
9. **Inverting Input 3**
10. **Non-inverting Input 3**
11. **V- (Ground/Negative Supply)**
12. **Non-inverting Input 4**
13. **Inverting Input 4**
14. **Output 4**
---
### ## 3. Key Features
* **Low Distortion:** Optimized for high-fidelity audio reproduction.
* **Short-Circuit Protection:** The outputs are protected against accidental shorts to ground or rails.
* **No Latch-up:** The design prevents the "latch-up" effect common in older CMOS or bipolar op-amps.
* **High Gain:** Provides high open-loop gain for precise feedback control.
---
### ## 4. Applications
The LS404C is versatile but most commonly found in:
* **Audio Preamplifiers:** Due to its low noise and high bandwidth.
* **Active Filters:** Used in crossovers or equalizers.
* **Signal Conditioning:** Converting sensor data into measurable voltages.
* **Industrial Controls:** Used in instrumentation where four amplifiers are needed in a compact space.
- ⤷
How does the LS404C compare to the industry-standard LM324?
- ⤷ What are the specific power decoupling requirements for this Op-Amp?
- ⤷ Can the LS404C be used in a single-supply configuration for battery-powered devices?