công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LS0502SCD33

  • AI
    The **LS0502SCD33** is a specialized electronic component, typically classified as a **TVS (Transient Voltage Suppressor) Diode Array** or an **ESD Protection Device**. These components are designed to protect sensitive integrated circuits from electrostatic discharge (ESD) and voltage surges. ### 1. Key Technical Specifications Below are the typical parameters for the LS0502SCD33 series: | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **Reverse Stand-Off Voltage ($V_{RWM}$)** | 3.3V - 5.0V | The maximum voltage the device can handle without triggering. | | **Breakdown Voltage ($V_{BR}$)** | ~6.0V | The point at which the device begins to conduct to ground. | | **Clamping Voltage ($V_C$ @ $I_{PP}$)** | < 12V | The maximum voltage the protected line will see during a spike. | | **Peak Pulse Current ($I_{PP}$)** | 2A - 5A | The maximum surge current the device can divert. | | **Capacitance ($C_J$)** | < 1.0pF | Crucial for high-speed data lines to prevent signal distortion. | | **Package Type** | DFN / SOD-923 | Ultra-small surface-mount footprint for compact PCB designs. | --- ### 2. Functional Characteristics The LS0502SCD33 operates as a "clamp." Under normal operating conditions, it remains in a high-impedance state, appearing invisible to the circuit. When a high-voltage spike occurs (like a human touch or power surge): * **Fast Response Time:** It switches to a low-impedance state in nanoseconds. * **Bidirectional/Unidirectional:** Depending on the specific sub-variant, it protects lines that swing above ground or both above/below ground. * **Low Leakage Current:** It consumes minimal power when in standby mode. --- ### 3. Common Applications Due to its low capacitance and small form factor, it is commonly found in: 1. **USB Ports:** Protecting D+ and D- data lines. 2. **HDMI/DisplayPort:** Ensuring high-speed video signals aren't degraded while being protected. 3. **Mobile Devices:** Protecting internal GPIOs and touch screen controllers. 4. **IoT Sensors:** Safeguarding sensitive communication interfaces (I2C, SPI). --- ### 4. Typical Circuit Connection The device is placed in parallel between the signal line and the ground. ```markdown [Signal Source] -----------+----------- [Sensitive IC] | [TVS] (LS0502SCD33) | [Ground] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by this component's low capacitance?
    • ⤷ How does this component compare to a standard Zener diode?
    • ⤷ What are the recommended soldering profiles for the DFN package?