công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LRF2512-R01FT1

  • AI
    The **LRF2512-R01FT1** is a high-power, low-resistance surface mount (SMD) resistor manufactured by **Welwyn (TT Electronics)**. It is specifically designed for current sensing applications where high precision and thermal stability are required. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the LRF2512-R01FT1: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 0.01 $\Omega$ (10 m$\Omega$) | | **Tolerance** | ±1% (F) | | **Power Rating** | 2 Watts | | **Package Size** | 2512 (6.4mm x 3.2mm) | | **Temperature Coefficient (TCR)** | ±100 ppm/°C | | **Technology** | Thick Film on Steel or Ceramic | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps identify the component's limits: - **LRF**: The series name (Low Resistance Metal Film/Thick Film). - **2512**: The physical footprint (0.25 inches x 0.12 inches). - **R01**: The resistance value. "R" acts as the decimal point (0.01 $\Omega$). - **F**: The tolerance code (F = ±1%). - **T1**: Packaging information (typically refers to Tape and Reel). --- ### 3. Functional Features * **Current Sensing:** Because of its very low resistance (10m$\Omega$), it is used to measure current flow by monitoring the voltage drop across it ($V = I \times R$) with minimal power loss. * **High Power Dissipation:** The 2512 package is larger than standard resistors, allowing it to dissipate up to 2W of heat safely. * **Low Inductance:** Its construction minimizes inductive reactance, making it suitable for high-frequency switching applications. --- ### 4. Typical Applications This component is commonly found in power management circuits, including: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. 2. **DC-DC Converters:** Providing feedback for current-mode control. 3. **Motor Control:** Detecting overcurrent conditions to protect the motor. 4. **Power Supplies:** Load regulation and short-circuit protection. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between thick film and metal foil current sense resistors?
    • ⤷ How do I calculate the maximum current this resistor can handle based on its 2W rating?
    • ⤷ What are the recommended PCB layout patterns for 2512 sense resistors to ensure accuracy?