công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LRF1206-R01JW

  • AI
    ## Detailed Overview of LRF1206-R01JW The **LRF1206-R01JW** is a high-power, low-resistance chip resistor manufactured by **Welwyn (TT Electronics)**. It is specifically designed for current sensing applications where precision and thermal stability are critical. ### 1. Component Specifications The following table outlines the primary electrical and physical characteristics of the LRF1206-R01JW: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Welwyn / TT Electronics | | **Resistance Value** | 0.01 Ohms (10 mΩ) | | **Tolerance** | ±5% (J-type) | | **Power Rating** | 0.5 Watts (1/2 W) | | **Package / Case** | 1206 (3216 Metric) | | **Technology** | Thick Film (Low Resistance) | | **Temperature Coefficient (TCR)** | ±100 ppm/°C | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Key Features and Construction * **Low Resistance Value:** At $10 \text{ m}\Omega$, this resistor provides minimal voltage drop while allowing a circuit to measure high currents accurately. * **Flip-Chip Design:** The "LRF" series often utilizes a flip-chip or specific terminal structure to improve thermal dissipation and reduce parasitic inductance. * **Sulfur Resistance:** The materials used are generally robust against environmental degradation, making it suitable for industrial environments. * **Compact Form Factor:** The 1206 footprint allows for high power density on crowded Printed Circuit Boards (PCBs). --- ### 3. Common Applications This specific component is typically found in circuits requiring **Current Shunt Sensing**. Examples include: 1. **Power Management:** Monitoring battery discharge rates in portable electronics. 2. **Motor Control:** Detecting overcurrent conditions or managing torque in small DC motors. 3. **DC-DC Converters:** Providing feedback loops for voltage regulation and protection. 4. **LED Drivers:** Ensuring constant current delivery to high-brightness LEDs. --- ### 4. Technical Calculations If you are using this resistor for current sensing, you can calculate the voltage drop ($V$) and maximum current ($I$) as follows: * **Maximum Current ($I$):** $$I = \sqrt{P / R} = \sqrt{0.5\text{W} / 0.01\Omega} = \sqrt{50} \approx 7.07\text{ Amperes}$$ * **Voltage Drop at 1A ($V$):** $$V = I \times R = 1\text{A} \times 0.01\Omega = 10\text{ mV}$$ ---
    ✨ Follow-up Questions
    • ⤷What are the pros and cons of using a 5% tolerance resistor for current sensing versus a 1% tolerance?
    • ⤷ How does the power derating curve affect the LRF1206 at high temperatures?
    • ⤷ What are some equivalent alternative parts for the LRF1206-R01JW?