công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LRC40-R27M-RC

  • AI
    The **LRC40-R27M-RC** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and power supply filtering applications. This component belongs to the **LRC40** series, which is known for its shielded construction and high current handling capabilities. --- ## 1. Technical Specifications The part number follows a standard nomenclature used by manufacturers (like Allied Components or similar). Below are the primary electrical and physical characteristics: | Property | Value | Notes | | :--- | :--- | :--- | | **Inductance** | 0.27 µH | Measured at 100 kHz, 0.25V | | **Tolerance** | ±20% | Indicated by the "M" suffix | | **DCR (Max)** | ~1.6 mΩ to 2.5 mΩ | Direct Current Resistance (Typical) | | **Saturation Current (Isat)** | ~25A - 32A | Point where inductance drops by 20-30% | | **Heating Current (Irms)** | ~20A - 24A | Temperature rise of 40°C | | **Dimensions** | 4.0 x 4.0 x 2.0 mm | Typical footprint (Series 40) | | **Shielding** | Shielded | Magnetic shielding to reduce EMI | --- ## 2. Part Number Breakdown Understanding the code helps in identifying replacements or variations: * **LRC**: Series prefix (Low Resistance Inductor). * **40**: Physical size (roughly 4.0mm footprint). * **R27**: Inductance value ($0.27 \mu H$). The "R" acts as a decimal point. * **M**: Tolerance code ($\pm 20\%$). * **RC**: RoHS Compliant (Lead-free). --- ## 3. Key Electronic Functions ### A. Magnetic Shielding The component is "Shielded," meaning the magnetic field is contained within the core structure. This is critical for high-density PCBs to prevent electromagnetic interference (EMI) with neighboring sensitive components. ### B. Low DCR (Direct Current Resistance) The "LRC" series focuses on minimizing resistance. A low DCR ensures higher efficiency and less heat generation, which is vital for battery-powered or high-current devices. ### C. Saturation Performance The "R27" (0.27 µH) is a very low inductance value. These are typically used in high-frequency switching regulators where the goal is to provide high current with fast transient response. --- ## 4. Typical Applications * **DC/DC Converters:** Voltage regulation modules for CPUs and GPUs. * **Mobile Devices:** Power management in smartphones and tablets. * **Telecommunications:** Noise filtering in high-speed data equipment. * **Automotive:** Infotainment systems and LED lighting drivers.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the LRC40-R27M-RC?
    • ⤷ How does the saturation current (Isat) affect the stability of a power circuit?
    • ⤷ What is the recommended solder profile for this SMD component?