LR9280CL-18-AE2-R
AI

The **LR9280CL-18-AE2-R** is a Low Dropout (LDO) Linear Regulator commonly used in power management applications where stable, low-noise voltage regulation is required.
---
### 1. General Specification Table
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | LR9280CL-18-AE2-R |
| **Fixed Output Voltage** | 1.8V |
| **Input Voltage Range** | Up to 6.0V |
| **Output Current** | ~300mA to 500mA (typical for this series) |
| **Package Type** | SOT-23 / SOT-23-3 (identified by AE2 code) |
| **Dropout Voltage** | Low (typically < 300mV at full load) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Part Number Breakdown
The nomenclature for this specific part generally follows this logic:
* **LR9280**: The base series number for the CMOS LDO regulator.
* **CL**: Specific internal grading or feature set (e.g., accuracy/current limit).
* **18**: Indicates a fixed output voltage of **1.8V**.
* **AE2**: Refers to the physical package style, typically a **SOT-23-3**.
* **R**: Indicates the shipping format, which is **Tape and Reel**.
---
### 3. Key Features and Functions
* **Low Quiescent Current:** Designed to consume very little power during operation, extending battery life in portable electronics.
* **High PSRR:** High Power Supply Rejection Ratio, which helps filter out noise from the input power source.
* **Stability:** Usually stable with low-ESR ceramic capacitors.
* **Protections:** Includes built-in thermal shutdown and current limiting to prevent device failure under fault conditions.
---
### 4. Typical Application Circuit
In a standard configuration, the LR9280 requires minimal external components:
```text
Input (Vin) ----[Cin]----[ LR9280 ]----[Cout]---- Output (1.8V)
|
Ground
```
* **Cin:** 1µF Ceramic Capacitor (minimizes input noise).
* **Cout:** 1µF to 2.2µF Ceramic Capacitor (ensures stability).
---
### 5. Common Use Cases
1. **Mobile Handsets:** Providing 1.8V rails for digital logic or memory.
2. **Portable Media Players:** Noise-sensitive audio or sensor circuits.
3. **Microcontrollers:** Powering the core of low-power MCUs.
- ⤷What is the maximum input voltage for the LR9280 series?
- ⤷ How does the dropout voltage affect efficiency in this LDO?
- ⤷ What are the pinouts for the SOT-23 package version of this chip?